Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6RI30E-080 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 6RI30E-080
Description  Three Phases Rectifying Bridge Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

6RI30E-080 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  6RI30E-080 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 6RI30E-080 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
6RI30E-080
Three Phases Rectifying Bridge Module
FEATURES
·
The chips are electrically insulated from bosom plate
·
High surge current
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Inverters for AC motors
·
Power supply for DC motors
·
General purpose DC power supply units
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
Tp=10ms
800
V
IO
Output Current (D.C)
TC=88℃
30
A
IFSM
Surge Forward Current
Half-sine wave,10ms
360
A
I2t
I2t for fusing
400
A2s
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.8
℃
/W


Similar Part No. - 6RI30E-080

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6RI30E-080 FUJI-6RI30E-080 Datasheet
120Kb / 4P
POWER DIODE MODULE
More results

Similar Description - 6RI30E-080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QF15AA60 ETC-QF15AA60 Datasheet
496Kb / 2P
TRANSISTOR MODULE THREE PHASES BRIDGE TYPE
logo
SanRex Corporation
QF20AA40 SANREX-QF20AA40 Datasheet
503Kb / 2P
TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
logo
List of Unclassifed Man...
QF50AA60 ETC1-QF50AA60 Datasheet
87Kb / 2P
TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
logo
Inchange Semiconductor ...
ISCZ18150 ISC-ISCZ18150 Datasheet
264Kb / 2P
Three Phases Rectifying Bridge Module
DF100AA120 ISC-DF100AA120 Datasheet
331Kb / 2P
Three Phases Rectifying Bridge Module
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
Three Phases Bridge Module
SKD25-16 ISC-SKD25-16 Datasheet
305Kb / 2P
Three Phases Bridge Module
6RI50E-060 ISC-6RI50E-060 Datasheet
274Kb / 2P
Three Phases Bridge Module
PSD62-12 ISC-PSD62-12 Datasheet
274Kb / 2P
Three Phases Bridge Module
DF100AA160 ISC-DF100AA160 Datasheet
363Kb / 2P
Three Phases Rectifying Bridge Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com