Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC4A131P Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISC4A131P
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC4A131P Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISC4A131P Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC4A131P Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
ISC4A131P
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose applications where gate high sensitivity is
required. Application on 4Q such as phase control and static switching
·
Minimum Lot-to-Lot variations for robust device performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)Tj=105℃
6
A
ITSM
Non-repetitive peak on-state current tp=20ms
60
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~150
℃
Rth(j-c)
Thermal resistance, junction to case
2.7
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110℃
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110℃
0.01
0.5
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 30Ω
10
mA
Ⅱ
10
Ⅲ
10
Ⅳ
25
IH
Holding current
IGT= 0.1A, Gate Open
25
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 8.5A; tp= 380μs
1.65
V


Similar Part No. - ISC4A131P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISC4A214P ISC-ISC4A214P Datasheet
225Kb / 2P
isc Triacs
ISC4A219N ISC-ISC4A219N Datasheet
240Kb / 2P
isc Triacs
ISC4A231P ISC-ISC4A231P Datasheet
225Kb / 2P
isc Triacs
More results

Similar Description - ISC4A131P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com