Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3027 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3027
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology LT3027 Datasheet HTML 10Page - Linear Technology LT3027 Datasheet HTML 11Page - Linear Technology LT3027 Datasheet HTML 12Page - Linear Technology LT3027 Datasheet HTML 13Page - Linear Technology LT3027 Datasheet HTML 14Page - Linear Technology LT3027 Datasheet HTML 15Page - Linear Technology LT3027 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3027
3027f
TYPICAL APPLICATIO S
OUT1
BYP1
ADJ1
OUT2
BYP2
ADJ2
IN1
SHDN1
SHDN2
LT3027
1µF
VIN1
3.7V TO 20V
IN2
1µF
VIN2
2.9V TO 20V
OFF ON
0.01µF
0.01µF
422k
261k
249k
249k
10µF
10µF
3027 TA02a
3.3V
AT 100mA
2.5V
AT 100mA
GND
VSHDN1/SHDN2
1V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
2ms/DIV
3027 TA02b
CBYP (pF)
10
0.1
1
10
100
100
1000
10000
3027 TA02c
Noise Bypassing Slows Startup, Allows Outputs to Track
Startup Time
Power Supply Controller Provides Coincident Tracking
OUT1
BYP1
OUT2
BYP2
LT3027
10µF
1µF
10µF
243k
3027 TA04
2.5V
3.3V
VIN
3.3V
1.8V
GND
IN1
IN2
115k
SHDN1
ADJ1
ADJ2
SHDN2
115k
93.1k
121k
255k
243k
255k
FB1
STATUS
SDO
FB2
LTC2923
GND
VOL GATE
RAMP
RAMPBUF
TRACK2
154k
100k
ON
TRACK1
10nF
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com