Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3027EDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3027EDD
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027EDD Datasheet(HTML) 2 Page - Linear Technology

  LT3027EDD Datasheet HTML 1Page - Linear Technology LT3027EDD Datasheet HTML 2Page - Linear Technology LT3027EDD Datasheet HTML 3Page - Linear Technology LT3027EDD Datasheet HTML 4Page - Linear Technology LT3027EDD Datasheet HTML 5Page - Linear Technology LT3027EDD Datasheet HTML 6Page - Linear Technology LT3027EDD Datasheet HTML 7Page - Linear Technology LT3027EDD Datasheet HTML 8Page - Linear Technology LT3027EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3027
3027f
(Note 1)
IN1, IN2 Pin Voltage .............................................. ±20V
OUT1, OUT2 Pin Voltage ....................................... ±20V
Input to Output Differential Voltage ....................... ±20V
ADJ1, ADJ2 Pin Voltage ......................................... ±7V
BYP1, BYP2 Pin Voltage ....................................... ±0.6V
SHDN1, SHDN2 Pin Voltage ................................. ±20V
Output Short-Circut Duration .......................... Indefinite
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 100mA
●
1.8
2.3
V
(Notes 3, 10)
ADJ1, ADJ2 Pin Voltage
VIN = 2V, ILOAD = 1mA
1.205
1.220
1.235
V
(Note 3, 4)
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
●
1.190
1.220
1.250
V
Line Regulation (Note 3)
∆VIN = 2V to 20V, ILOAD = 1mA
●
110
mV
Load Regulation (Note 3)
VIN = 2.3V, ∆ILOAD = 1mA to 100mA
1
12
mV
VIN = 2.3V, ∆ILOAD = 1mA to 100mA
●
25
mV
Dropout Voltage
ILOAD = 1mA
0.10
0.15
V
VIN = VOUT(NOMINAL)
ILOAD = 1mA
●
0.19
V
(Notes 5, 6, 10)
ILOAD = 10mA
0.17
0.22
V
ILOAD = 10mA
●
0.29
V
ILOAD = 50mA
0.24
0.28
V
ILOAD = 50mA
●
0.38
V
ILOAD = 100mA
0.30
0.35
V
ILOAD = 100mA
●
0.45
V
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
Consult factory for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
LT3027EDD
LT3027IDD
ORDER PART
NUMBER
DD PART
MARKING
Operating Junction Temperature Range
(Note 2) ............................................ – 40°C to 125°C
Storage Temperature Range
DD Package ...................................... – 65°C to 125°C
MSE Package ................................... – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
10
9
6
7
8
4
5
3
2
1
OUT2
IN2
IN1
SHDN1
OUT1
BYP2
ADJ2
SHDN2
ADJ1
BYP1
11
1
2
3
4
5
BYP2
ADJ2
SHDN2
ADJ1
BYP1
10
9
8
7
6
OUT2
IN2
IN1
SHDN1
OUT1
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
11
LT3027EMSE
LT3027IMSE
ORDER PART
NUMBER
MSE PART
MARKING
TJMAX = 125°C, θJA = 43°C/ W, θJC = 3°C/ W
TJMAX = 150°C, θJA = 40°C/ W, θJC = 10°C/ W
LBKN
LBMC
LTBKK
LTBMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com