Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA83 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA83
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA83 Datasheet(HTML) 2 Page - Cirrus Logic

  PA83 Datasheet HTML 1Page - Cirrus Logic PA83 Datasheet HTML 2Page - Cirrus Logic PA83 Datasheet HTML 3Page - Cirrus Logic PA83 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
345
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
300V
OUTPUT CURRENT, within SOA
Internally Limited
POWER DISSIPATION, internal at T
C = 25°C
1
17.5W
INPUT VOLTAGE, differential
±300V
INPUT VOLTAGE, common mode
±300V
TEMPERATURE, pin solder - 10s max (solder)
300°C
TEMPERATURE, junction
175°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA83
PA83A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±1.5
±3
±.5
±1
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±25
±5
±10
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±.5
±.2
µV/V
OFFSET VOLTAGE, vs. time
T
C = 25°C
±75
*
µV/√kh
BIAS CURRENT, initial3
T
C = 25°C
5
50
3
10
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial3
T
C = 25°C
±2.5
±50
±1.5
±10
pA
OFFSET CURRENT, vs. supply
T
C = 25°C
±.01
*
pA/V
INPUT IMPEDANCE, DC
T
C = 25°C
1011
*
Ω
INPUT CAPACITANCE
Full temperature range
6
*
pF
COMMON MODE VOLTAGE RANGE4
Full temperature range
±V
S–10
*
V
COMMON MODE REJECTION, DC
Full temperature range
130
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = 2KΩ
96
116
*
*
dB
UNITY GAIN CROSSOVER FREQ.
T
C = 25°C, RL = 2KΩ
5
3
*
MHz
POWER BANDWIDTH
T
C = 25°C, RL = 10KΩ
60
40
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING4, full load
Full temp. range, I
O = 75mA
±V
S–10
±V
S–5
*
*
V
VOLTAGE SWING4
Full temp. range, I
O = 15mA
±V
S–5
±V
S–3
*
*
V
CURRENT, peak
T
C = 25°C
75
*
mA
CURRENT, short circuit
T
C = 25°C
100
*
mA
SLEW RATE6
T
C = 25°C, RL = 2KΩ
20
30
*
*
V/µs
CAPACITIVE LOAD, unity gain
Full temperature range
10
*
nF
CAPACITIVE LOAD, gain > 4
Full temperature range
SOA
*
µF
SETTLING TIME to .1%
T
C = 25°C, RL = 2KΩ, 10V step
12
*
µs
POWER SUPPLY
VOLTAGE
T
C = –55°C to +125°C
±15
±150
±150
*
*
*
V
CURRENT, quiescent
T
C = 25°C
6
8.5
*
*
mA
THERMAL
RESISTANCE, AC, junction to case5
F > 60Hz
4.26
*
°C/W
RESISTANCE, DC, junction to case
F < 60Hz
6.22
8.57
*
*
°C/W
RESISTANCE, case to air
30
*
°C/W
TEMP. RANGE, case (PA83/PA83A)
Meets full range specification
–25
+85
*
*
°C
PA83 • PA83A
NOTES: *
The specification of PA83A is identical to the specification for PA83 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all tests is the TYP rating, unless otherwise noted as a test condition.
3. Doubles for every 10°C of temperature increase.
4. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. Signal slew rates at pins 5 and 6 must be limited to less than 1V/ns to avoid damage. When faster waveforms are unavoidable,
resistors in series with those pins, limiting current to 150mA will protect the amplifier from damage.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com