Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMASMP491ATF03 Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMP491ATF03
Description  Any 2G/3G/4G Handset Application
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMP491ATF03 Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASMP491ATF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASMP491ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Approval Sheet
Page 8 of 17
ASC_RMASMP491ATF03_V02
Dec. 2016
Isolation Matrix : ANT to Off Path (2 of 2)
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
On
Path
Freq
(GHz)
Isolation (dB)
TXLB
TXHB
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
TRX7
TRX8
TRX9
TRX10
TRX11
TRX12
TRX4
1.0
-38.3
-43.8
-56.5
-57.0
-30.7
-30.5
-40.1
-38.5
-41.3
-45.0
-48.3
-50.4
-54.7
2.0
-47.5
-35.3
-46.7
-46.7
-25.8
-25.2
-31.5
-30.2
-34.5
-38.0
-41.0
-42.7
-45.2
2.7
-39.8
-41.4
-43.9
-44.5
-23.9
-23.5
-28.4
-27.4
-31.3
-35.1
-38.2
-39.4
-41.8
TRX5
1.0
-37.1
-44.0
-57.2
-58.7
-36.7
-30.4
-34.5
-39.4
-41.2
-44.9
-48.7
-50.3
-53.1
2.0
-50.0
-35.9
-47.0
-47.6
-31.4
-25.2
-28.0
-30.3
-34.6
-38.2
-41.2
-42.8
-45.3
2.7
-40.5
-41.0
-44.0
-44.7
-29.2
-23.4
-25.2
-27.0
-31.5
-35.0
-38.4
-39.4
-41.8
TRX6
1.0
-36.9
-43.0
-55.6
-57.3
-43.5
-39.0
-33.3
-37.2
-41.6
-45.1
-47.8
-50.6
-52.5
2.0
-45.1
-40.9
-46.6
-47.6
-36.9
-33.0
-27.6
-27.8
-34.6
-38.1
-41.0
-42.7
-45.1
2.7
-44.4
-41.7
-43.6
-44.3
-34.1
-30.6
-25.5
-24.6
-31.2
-34.8
-38.0
-39.1
-41.6
TRX7
1.0
-41.1
-43.3
-54.0
-54.2
-49.9
-47.2
-43.1
-36.5
-41.8
-45.3
-48.5
-49.8
-52.3
2.0
-39.0
-41.8
-46.7
-47.3
-40.6
-37.6
-34.2
-28.9
-34.7
-38.0
-41.2
-42.4
-44.8
2.7
-42.1
-41.4
-43.2
-44.3
-36.4
-34.0
-30.7
-25.8
-31.0
-34.6
-38.0
-38.8
-41.4
TRX8
1.0
-46.4
-44.6
-50.9
-54.4
-49.4
-46.9
-44.2
-41.0
-37.0
-34.0
-40.4
-43.7
-46.7
2.0
-49.3
-42.7
-43.1
-45.2
-42.6
-40.5
-37.7
-34.8
-31.3
-28.2
-34.5
-36.9
-40.2
2.7
-41.4
-36.7
-40.2
-42.8
-39.5
-37.4
-35.0
-31.9
-28.6
-26.2
-31.9
-33.9
-37.2
TRX9
1.0
-45.5
-41.8
-45.1
-48.4
-49.1
-46.9
-44.1
-40.8
-36.8
-34.8
-32.4
-37.1
-41.4
2.0
-47.5
-44.7
-39.8
-42.2
-42.5
-40.2
-37.6
-34.5
-30.9
-28.4
-27.3
-31.9
-36.2
2.7
-39.5
-36.5
-37.7
-40.5
-39.4
-37.1
-34.6
-31.8
-28.5
-25.6
-25.8
-30.1
-34.2
TRX10
1.0
-44.4
-40.5
-40.3
-44.2
-49.5
-47.3
-44.2
-40.8
-36.7
-41.3
-32.9
-29.7
-36.2
2.0
-45.5
-33.5
-35.6
-38.6
-42.3
-40.0
-37.4
-34.4
-30.8
-32.1
-27.5
-24.8
-31.2
2.7
-39.2
-42.9
-34.0
-37.3
-39.2
-37.1
-34.7
-31.8
-28.5
-28.3
-25.5
-23.3
-29.9
TRX11
1.0
-43.6
-40.6
-36.5
-40.6
-49.5
-47.4
-44.1
-40.9
-36.6
-43.3
-38.4
-30.0
-30.9
2.0
-45.3
-32.1
-31.9
-35.5
-42.3
-40.2
-37.5
-34.4
-30.8
-33.1
-32.2
-25.1
-26.3
2.7
-39.0
-43.5
-30.6
-34.5
-39.2
-37.4
-34.8
-31.9
-28.7
-29.3
-29.7
-23.6
-24.9
TRX12
1.0
-43.1
-41.4
-29.7
-35.4
-51.1
-47.7
-44.4
-40.8
-36.4
-43.8
-43.6
-37.1
-31.3
2.0
-44.4
-32.6
-24.9
-30.4
-42.1
-40.1
-37.4
-34.5
-30.9
-34.0
-35.5
-31.7
-26.5
2.7
-38.7
-45.0
-23.7
-29.5
-39.0
-37.3
-34.9
-31.9
-28.7
-30.4
-32.4
-30.1
-25.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com