Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMASMS535ATF03 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMS535ATF03
Description  Any 2G/3G/4G Handset Application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMS535ATF03 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RMASMS535ATF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Approval Sheet
Page 2 of 15
ASC_RMASMS535ATF03_V03
Jul. 2018
FEATURES
Low Insertion Loss and Low Distortion
:
Broadband frequency range
:0.4 to 2.7 GHz
High Isolation and linearity
:
Integrated MIPI RFFE Slave Controller
:
High ESD tolerance of 2kV HBM at all pins
:
Small LGA package(28-pin, 3.6 x 2.8 x 0.85 mm3)
:
Moisture Sensitive Level 3 (MSL3)
Description
The RMASMS535ATF03 is an SP12T and SP9T antenna switch with an integrated Mobile Industry Processor
Interface (MIPI) controller. Using an advanced switching technology, the RMASMS535ATF03 maintains low insertion
and high isolation, which makes it an ideal choice for UMTS, CDMA2000, EDGE, GSM, and LTE applications.
The design integrated twenty one low loss TRX ports. The switch also has an excellent 2nd/3rd Order Intermodulation
Distortion (IMD2/IMD3) performance.
Switching is controlled by the MIPI decoder and High ESD tolerance of 2kV HBM at all pins.
No blocking capacitor requirements on the RF paths as long as no DC voltage is applied. The RMASMS535ATF03 is
manufactured in a compact, 3.6 x 2.8 x 0.85 mm3 package.
The functional block diagram is shown in Figure 1. The pin assignment and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in Table 1.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
:
Carrier aggregation
:
Block Diagram and Pin Out (Top View)
Figure 1. RMASMS535ATF03 Block Diagram
Figure 2. RMASMS535ATF03 Pin assignment
TRxLB1
ANT_LB
TRxLB2
TRxLB3
TRxLB4
TRxLB5
TRxLB6
TRxLB7
TRxLB8
TXLB
TRxHB3
Power Supply
(with Charge Pump)
VIO
SDATA SCLK
VDD
RFFE Slave Controller
TRxHB1
ANT_HB
TRxHB2
TRxHB4
TRxHB5
TRxHB6
TRxHB7
TRxHB8
TXHB
TRxHB9
TRxHB10
TRxHB11
23
22
20
19
18
17
16
15
21
1
2
4
5
6
7
8
9
3
14
13
12
11
10
24
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com