Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-500GC Datasheet(PDF) 4 Page - DATEL, Inc.

Part # AM-500GC
Description  Ultra-Fast Operational Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-500GC Datasheet(HTML) 4 Page - DATEL, Inc.

  AM-500GC Datasheet HTML 1Page - DATEL, Inc. AM-500GC Datasheet HTML 2Page - DATEL, Inc. AM-500GC Datasheet HTML 3Page - DATEL, Inc. AM-500GC Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.500 MAX.
(12.7)
0.805 MAX.
(20.3)
0
0.300
(7.6)
78
114
0.100
(2.5)
BOTTOM
VIEW
6 SPACES
AT 0.100 EA.
(2.5)
DOT ON TOP
REFERENCES
PIN 1
NOTE: PINS HAVE 0.025 INCH STANDOFF FROM CASE
0.150 MIN.
(3.8)
0.200 (5.1) MAX.
0.700
0.100
0.010 X 0.018 KOVAR
MECHANICAL DIMENSIONS - INCHES (mm)
ORDERING INFORMATION
MODEL NUMBER
OPERATING
TEMP. RANGE
PACKAGE SEAL
ROHS
AM-500GC
0 TO +70°C
Epoxy
No
AM-500MC
0 TO +70°C
Hermetic
No
AM-500MM
-55 TO +125°C
Hermetic
No
AM-500MM-QL
-55 TO +125°C
Hermetic
No
AM-500MC-C
0 TO +70°C
Hermetic
Yes
AM-500MM-C
-55 TO +125°C
Hermetic
Yes
AM-500MM-QL-C
-55 TO +125°C
Hermetic
Yes
For devices compliant to MIL-STD-883, consult the factory.
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
AM-500 Series
Ultra-Fast Operational Amplifiers
26 Jun 2015 MDA_AM-500.B03 Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com