Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-1435MM-QL Datasheet(PDF) 2 Page - DATEL, Inc.

Part # AM-1435MM-QL
Description  Ultra-Fast, Wideband Operational Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-1435MM-QL Datasheet(HTML) 2 Page - DATEL, Inc.

  AM-1435MM-QL Datasheet HTML 1Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 2Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 3Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FUNCTIONAL SPECIFICATIONS
(Typical at +25°C and ±15V supplies, unless otherwise noted.)
INPUT
MIN.
TYP.
MAX.
UNITS
Differential Between Inputs
—
—
±4
Volts
Common Mode Voltage Range ➀
±7
±8.5
—
Volts
Common Mode Rejection Ratio
1MHz
—
70
—
dB
DC
73
100
—
dB
Input Impedance
Common Mode
—
1
❘❘ 2
—
MΩ
❘❘ pF
Differential Mode
—
2.5
❘❘ 2
—
kΩ
❘❘ pF
Input Bias Current
—
±20
40
μA
Input Offset Current
—
±0.3
—
μA
Input Offset Voltage ➁
—±2
±5
mV
PERFORMANCE
DC Open Loop Gain ➂
88
100
—
dB
Input Offset Voltage Drift
—
±5
±25
μV/°C
Input Bias Current Drift
—
±50
±100
nA/°C
Input Offset Current Drift
—
±2
—
nA/°C
Input Voltage Noise
0.01Hz to 10Hz
—
15
—
μVp-p
100Hz to 10kHz
—
1.6
—
μVrms
10Hz to 1MHz
—
5.2
—
μVrms
Input Current Noise ➃
0.01Hz to 10Hz
—
2.5
—
nAp-p
100Hz to 10kHz
—
2.5
—
nArms
10Hz to 1MHz
—
3.5
—
nArms
Power Supply Rejection Ratio
—
±0.15
—
mV/V
DYNAMIC CHARACTERISTICS
Gain Bandwidth Product
700
1000
—
MHz
Unity Gain Bandwidth
—
150
—
MHz
Full Power Frequency ➄
8
10
—
MHz
Settling Time
10V to ±0.025%
➅
—60—
ns
10V to ±0.01%
➅
—70—
ns
5V to ±1.0%
—
25
—
ns
5V to ±0.1%
—
40
60
ns
1V to ±1.0%
—
10
—
ns
1V to ±0.1%
—
20
—
ns
Slew Rate ➄
±250
±300
—
V/μs
Overshoot
—1—
%
Propagation Delay
—5—
ns
Rise Time (10V step)
—40—
ns
Overload Recovery Time
—50—
ns
OUTPUT
Output Voltage ➂
±5
±7
—
Volts
Output Current ➂
±10
±14
—
mA
Stable Capacitative Load ➆
—
1000
—
pF
POWER REQUIREMENTS
Rated Supply Voltages
±12
±15
±16
Volts
Quiescent Current
—
±22
±30
mA
Footnotes:
➀ Specified for dc linear operation. Common mode voltage range prior to fault
condition is ±10V maximum.
➁ Adjustable to zero.
➂ RL = 500Ω.
➃ Referred to input.
➄ C1 = 0.5pF.
➅ C1 = 1pF.
➆ C1 = 3pF, noise gain >2.
➇ Requires 18°C/W heat sink above +85°C.
PHYSICAL/ENVIRONMENTAL
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
AM-1435MC
0
—
+70
°C
AM-1435ME
–40
—
+100
°C
AM-1435MM, MM-QL
➇
–55
—
+125
°C
Storage Temp. Range
–65
—
+150
°C
Package Type
14-pin, metal-sealed, ceramic DIP
TECHNICAL NOTES
1. The use of good high-frequency circuit board layout techniques is
required for rated performance. The extensive use of a ground plane
for all common connections is recommended. Lead lengths should be
kept to a minimum with point-to-point connections wired directly to the
amplifier pins. 1μF tantalum bypass capacitors should be used at the
±15V supply pins.
2. Operation of the AM-1435MM and MM-QL over the +85 to +125°C
temperature range requires additional thermal dissipation to achieve
rated performance. Use of an
18°C/W heat sink is recommended.
3. No input protection is provided so as to maximize frequency response.
As a result, several precautions must be observed. Do not apply the
positive supply voltage before the negative supply. Do not apply signals
to either input prior to power-up. If frequency response is not critical,
installation of an external input-protection circuit is recommended.
4. A 1μF bypass capacitor (C4) connected from OPTIONAL BYPASS
CAPACITOR (pin 1) to COMMON (pin 14) may be required to inhibit
output oscillation when driving capacitive loads.
5. To ensure stable operation when the noise gain is less than 10, a 2pF
compensation capacitor (C1) must be connected between pins 3 and 7.
The value of the compensation capacitor may be application sensitive.
6. The AM-1435 is a prime choice as a current-to-voltage converter due
to its excellent EOS and IOS temperature coefficient ratings. Input bias
currents are easily compensated by adding a resistor from pin 8 to
ground, which is equal to the parallel combination of the feedback
resistor and input impedance.
ABSOLUTE MAXIMUM RATINGS, ALL MODELS
Positive Supply, Pin 4
+18V
Negative Supply, Pin 12
–18V
Lead Temperature (soldering, 10s)
300°C
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
AM-1435
Ultra-Fast, Wideband Operational Amplifiers
MDA_AM-1435.C02 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com