Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7136LSF Datasheet(PDF) 2 Page - AUK corp

Part # S7136LSF
Description  Bipolar Linear Integrated Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7136LSF Datasheet(HTML) 2 Page - AUK corp

  S7136LSF Datasheet HTML 1Page - AUK corp S7136LSF Datasheet HTML 2Page - AUK corp S7136LSF Datasheet HTML 3Page - AUK corp S7136LSF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-2024-002
2
S71xxLSF
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
-0.3 ~ +10
V
Power Dissipation (Package Limitation)
PD*
300
㎽
Operating Temperature
Topr
-20 ~ +75
℃
Storage Temperature
Tstg
-40 ~ +125
℃
* With PCB(8×8 ㎜ Copper Area) at Glass Epoxy Board (t=1.7 ㎜, Area; 20×20 ㎜)
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
S7145LSF
4.30
4.5
4.70
S7142LSF
4.00
4.2
4.40
S7139LSF
3.70
3.9
4.10
S7136LSF
3.40
3.6
3.80
S7133LSF
3.10
3.3
3.50
S7131LSF
2.90
3.1
3.30
S7129LSF
2.75
2.9
3.05
S7127LSF
2.55
2.7
2.85
S7125LSF
2.35
2.5
2.65
Detecting voltage
VS
1
RL=470Ω
VCC=H→L
VOL≤0.4V
S7123LSF
2.15
2.3
2.45
V
Hysteresis Voltage
Δ
VS
1
RL=470Ω,VCC=L→H→L
30
100
300
㎷
Temperature Coefficient
Of detecting voltage
VS/ΔT
1
RL=470Ω, Ta=-20~75℃
-
±
0.01
-
%/℃
Low Level Output voltage
VOL
1
RL=470Ω, VCC= VSMin
-
0.1
0.4
V
Circuit current at ON
ICCL
1
RL=∞, VCC= VSMin
-
300
500
µA
Circuit current at OFF
ICCH
1
RL=∞, VCC= VSMax +0.1V
-
30
50
µA
Threshold Operating Voltage
Vopr
1
RL=4.7 ㏀, VOL≤0.4V
-
1.4
1.6
V
Output Current at ON I
IOLI
1
RL=0, VCC= VSMin
10
20
-
㎃
Output Current at ON II
IOLII
1
RL=0, VCC= VSMin ,
Ta= -20~75℃
5
-
-
㎃
L→H Transmission delay time
tPLH
2
RL=4.7 ㏀, CL=100 ㎊
-
100
-
㎲
H→L Transmission delay time
tPHL
2
RL=4.7 ㏀, CL=100 ㎊
-
10
-
㎲
Test Circuit 1
Test Circuit 2
S71xxLSF
S71xxLSF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com