Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9601 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # AS9601
Description  BRACKET, ANGLE 90째, CRES UNS S41000 .190 X .250 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9601 Datasheet(HTML) 2 Page - UMPCO, Inc.

  AS9601 Datasheet HTML 1Page - UMPCO, Inc. AS9601 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/05/09
AS9601
BRACKET, ANGLE 90°, CRES UNS S41000
.190 X .250 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
B
.802 - .822
.865 - .885
.928 - .948
.990- 1.010
1.115 - 1.135
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9601-155
MS9601-185
MS9601-215
MS9601-245
MS9601-305
0.490 - 0.510
MS9601-156
MS9601-186
MS9601-216
MS9601-246
MS9601-306
0.552 - 0.572
MS9601-157
MS9601-187
MS9601-217
MS9601-247
MS9601-307
0.615 - 0.635
MS9601-158
MS9601-188
MS9601-218
MS9601-248
MS9601-308
0.678 - 0.698
MS9601-159
MS9601-189
MS9601-219
MS9601-249
MS9601-309
0.740 - 0.760
MS9601-160
MS9601-190
MS9601-220
MS9601-250
MS9601-310
0.802 - 0.822
MS9601-161
MS9601-191
MS9601-221
MS9601-251
MS9601-311
0.865 - 0.885
MS9601-162
MS9601-192
MS9601-222
MS9601-252
MS9601-312
0.928 - 0.948
MS9601-163
MS9601-193
MS9601-223
MS9601-253
MS9601-313
0.990 - 1.010
MS9601-164
MS9601-194
MS9601-224
MS9601-254
MS9601-314
1.052 - 1.072
MS9601-165
MS9601-195
MS9601-225
MS9601-255
MS9601-315
1.115 - 1.135
MS9601-166
MS9601-196
MS9601-226
MS9601-256
MS9601-316
1.178 - 1.198
MS9601-167
MS9601-197
MS9601-227
MS9601-257
MS9601-317
1.240 - 1.260
MS9601-168
MS9601-198
MS9601-228
MS9601-258
MS9601-318
1.302 - 1.322
MS9601-169
MS9601-199
MS9601-229
MS9601-259
MS9601-319
1.365 - 1.385
MS9601-170
MS9601-200
MS9601-230
MS9601-260
MS9601-320
1.428 - 1.448
MS9601-171
MS9601-201
MS9601-231
MS9601-261
MS9601-321
1.490 - 1.510
MS9601-172
MS9601-202
MS9601-232
MS9601-262
MS9601-322
B
1.240 - 1.260
1.365 - 1.385
1.490 - 1.510
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9601-365
MS9601-425
MS9601-485
0.490 - 0.510
MS9601-366
MS9601-426
MS9601-486
0.552 - 0.572
MS9601-367
MS9601-427
MS9601-487
0.615 - 0.635
MS9601-368
MS9601-428
MS9601-488
0.678 - 0.698
MS9601-369
MS9601-429
MS9601-489
0.740 - 0.760
MS9601-370
MS9601-430
MS9601-490
0.802 - 0.822
MS9601-371
MS9601-431
MS9601-491
0.865 - 0.885
MS9601-372
MS9601-432
MS9601-492
0.928 - 0.948
MS9601-373
MS9601-433
MS9601-493
0.990 - 1.010
MS9601-374
MS9601-434
MS9601-494
1.052 - 1.072
MS9601-375
MS9601-435
MS9601-495
1.115 - 1.135
MS9601-376
MS9601-436
MS9601-496
1.178 - 1.198
MS9601-377
MS9601-437
MS9601-497
1.240 - 1.260
MS9601-378
MS9601-438
MS9601-498
1.302 - 1.322
MS9601-379
MS9601-439
MS9601-499
1.365 - 1.385
MS9601-380
MS9601-440
MS9601-500
1.428 - 1.448
MS9601-381
MS9601-441
MS9601-501
1.490 - 1.510
MS9601-382
MS9601-442
MS9601-502
B
1.615 - 1.635
1.740 - 1.760
1.865 - 1.885
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9601-545
MS9601-605
MS9601-665
0.490 - 0.510
MS9601-546
MS9601-606
MS9601-666
0.552 - 0.572
MS9601-547
MS9601-607
MS9601-667
0.615 - 0.635
MS9601-548
MS9601-608
MS9601-668
0.678 - 0.698
MS9601-549
MS9601-609
MS9601-669
0.740 - 0.760
MS9601-550
MS9601-610
MS9601-670
0.802 - 0.822
MS9601-551
MS9601-611
MS9601-671
0.865 - 0.885
MS9601-552
MS9601-612
MS9601-672
0.928 - 0.948
MS9601-553
MS9601-613
MS9601-673
0.990 - 1.010
MS9601-554
MS9601-614
MS9601-674
1.052 - 1.072
MS9601-555
MS9601-615
MS9601-675
1.115 - 1.135
MS9601-556
MS9601-616
MS9601-676
1.178 - 1.198
MS9601-557
MS9601-617
MS9601-677
1.240 - 1.260
MS9601-558
MS9601-618
MS9601-678
1.302 - 1.322
MS9601-559
MS9601-619
MS9601-679
1.365 - 1.385
MS9601-560
MS9601-620
MS9601-680
1.428 - 1.448
MS9601-561
MS9601-621
MS9601-681
1.490 - 1.510
MS9601-562
MS9601-622
MS9601-682
TABLE 1 -PART NUMBERS AND DIMENSIONS CONTINUED
A - LENGTH
A - LENGTH
A - LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com