Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950CDT-3.0 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LP2950CDT-3.0
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CDT-3.0 Datasheet(HTML) 4 Page - ON Semiconductor

  LP2950CDT-3.0 Datasheet HTML 1Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 2Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 3Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 4Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 5Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 6Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 7Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 8Page - ON Semiconductor LP2950CDT-3.0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LP2950
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (Vin = VO + 1.0 V, IO = 100 µA, CO = 1.0 µF, TJ = 25°C [Note 1], unless
otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
Line Regulation (Vin = VO(nom) +1.0 V to 30 V) [Note 2]
Regline
%
LP2950C–XX/LP2951C/LP2951C–XX
–
0.08
0.20
LP2950AC–XX/LP2951AC/LP2951AC–XX
–
0.04
0.10
Load Regulation (IO = 100 µA to 100 mA)
Regload
%
LP2950C–XX/LP2951C/LP2951C–XX
–
0.13
0.20
LP2950AC–XX/LP2951AC/LP2951AC–XX
–
0.05
0.10
Dropout Voltage
VI – VO
mV
IO = 100 µA
–
30
80
IO = 100 mA
–
350
450
Supply Bias Current
ICC
IO = 100 µA
–
93
120
µA
IO = 100 mA
–
4.0
12
mA
Dropout Supply Bias Current (Vin = VO(nom) – 0.5 V,
IO = 100 µA) [Note 2]
ICCdropout
–
110
170
µA
Current Limit (VO Shorted to Ground)
ILimit
–
220
300
mA
Thermal Regulation
Regthermal
–
0.05
0.20
%/W
Output Noise Voltage (10 Hz to 100 kHz) [Note 3]
Vn
µVrms
CL = 1.0 µF
–
126
–
CL = 100 µF
–
56
–
LP2951A/LP2951AC ONLY
Reference Voltage (TJ = 25°C)
Vref
V
LP2951C/LP2951C–XX
1.210
1.235
1.260
LP2951AC/LP2951AC–XX
1.220
1.235
1.250
Reference Voltage (TJ = – 40 to +125°C)
Vref
V
LP2951C/LP2951C–XX
1.200
–
1.270
LP2951AC/LP2951AC–XX
1.200
–
1.260
Reference Voltage (TJ = – 40 to +125°C)
Vref
V
IO = 100 µA to 100 mA, Vin = 23 to 30 V
LP2951C/LP2951C–XX
1.185
–
1.285
LP2951AC/LP2951AC–XX
1.190
–
1.270
Feedback Pin Bias Current
IFB
–
15
40
nA
ERROR COMPARATOR
Output Leakage Current (VOH = 30 V)
Ilkg
–
0.01
1.0
µA
Output Low Voltage (Vin = 4.5 V, IOL = 400 µA)
VOL
–
150
250
mV
Upper Threshold Voltage (Vin = 6.0 V)
Vthu
40
45
–
mV
Lower Threshold Voltage (Vin = 6.0 V)
Vthl
–
60
95
mV
Hysteresis (Vin = 6.0 V)
Vhy
–
15
–
mV
SHUTDOWN INPUT
Input Logic Voltage
Vshtdn
V
Logic “0” (Regulator “On”)
0
–
0.7
Logic “1” (Regulator “Off”)
2.0
–
30
Shutdown Pin Input Current
Ishtdn
µA
Vshtdn = 2.4 V
–
35
50
Vshtdn = 30 V
–
450
600
Regulator Output Current in Shutdown Mode
Ioff
–
3.0
10
µA
(Vin = 30 V, Vshtdn = 2.0 V, VO = 0, Pin 6 Connected to Pin 7)
NOTES: 1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. VO(nom) is the part number voltage option.
3. Noise tests on the LP2951 are made with a 0.01
µF capacitor connected across Pins 7 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com