Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP80MC-140 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMP80MC-140
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP80MC-140 Datasheet(HTML) 7 Page - STMicroelectronics

  SMP80MC-140 Datasheet HTML 1Page - STMicroelectronics SMP80MC-140 Datasheet HTML 2Page - STMicroelectronics SMP80MC-140 Datasheet HTML 3Page - STMicroelectronics SMP80MC-140 Datasheet HTML 4Page - STMicroelectronics SMP80MC-140 Datasheet HTML 5Page - STMicroelectronics SMP80MC-140 Datasheet HTML 6Page - STMicroelectronics SMP80MC-140 Datasheet HTML 7Page - STMicroelectronics SMP80MC-140 Datasheet HTML 8Page - STMicroelectronics SMP80MC-140 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SMP80MC
7/9
Figure 13: Ordering Information Scheme
Figure 14: SMB Package Mechanical Data
Figure 15: Foot Print Dimensions (in millimeters)
SMP
80
MC - xxx
Trisil Surface Mount
Repetitive Peak Pulse Current
Capacitance
Voltage
80 = 80A
MC = Micro Capacitance
270 = 270V
E
C
L
E1
D
A1
A2
b
1.52
2.75
2.3
1.52
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com