Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XG2Z Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XG2Z
Description  Screw Terminal Block Cables
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG2Z Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XG2Z Datasheet HTML 2Page - Omron Electronics LLC XG2Z Datasheet HTML 3Page - Omron Electronics LLC XG2Z Datasheet HTML 4Page - Omron Electronics LLC XG2Z Datasheet HTML 5Page - Omron Electronics LLC XG2Z Datasheet HTML 6Page - Omron Electronics LLC XG2Z Datasheet HTML 7Page - Omron Electronics LLC XG2Z Datasheet HTML 8Page - Omron Electronics LLC XG2Z Datasheet HTML 9Page - Omron Electronics LLC XG2Z Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
XW2Z
XW2Z
6
Unit: mm (inch)
3 XW2Z-PPPH-P FOR 96-POINT CS1 PLC I/O MODULES (CONNECTOR TYPE)
XW2Z-
P00H-2
XW2Z-
P00H-3
XW2Z-
P00H-1
A
A
A
B
B
C
Part number
Cable length A
XW2Z-100H-1
1 m (3.28 ft)
XW2Z-200H-1
2 m (6.56 ft)
XW2Z-300H-1
3 m (9.84 ft)
XW2Z-500H-1
5 m (16.40 ft)
Part number
Cable length A
Cable length B
XW2Z-100H-2
1 m (3.28 ft)
1 m (3.28 ft)
XW2Z-200H-2
2 m (6.56 ft)
2 m (6.56 ft)
XW2Z-300H-2
3 m (9.84 ft)
3 m (9.84 ft)
XW2Z-500H-2
5 m (16.40 ft)
5 m (16.40 ft)
Part number
Cable length
A
B
C
XW2Z-100H-3
1 m (3.28 ft)
0.75 ft (2.45 ft)
1 m (3.28 ft)
XW2Z-200H-3
2 m (6.56 ft)
1.75 ft (5.74 ft)
2 m (6.56 ft)
XW2Z-300H-3
3 m (9.84 ft)
2.75 ft (9.02 ft)
3 m (9.84 ft)
XW2Z-500H-3
5m
(16.40 ft)
4.75 ft
(15.58 ft)
5m
(16.40 ft)
Combinations of Omron PLC I/O Modules and Screw Terminal Blocks
PLC I/O module
I/O points
Terminal blocks
Dedicated cable
CS1W-ID291,
CS1W-OD291, CS1W-OD292
CS1W-MD291, CS1W-MD292
96 points
Two XW2B-60G
P terminal blocks
Two XW2Z-
PPPH-1 cables
CS1W-ID291,
CS1W-OD291, CS1W-OD292
CS1W-MD291, CS1W-MD292
96 points
Two XW2B-40G4 + XW2B-20G4 or
two XW2B-40G5 + XW2B-20G5
terminal blocks
Two XW2Z-
PPPH-2 cables
CS1W-ID291,
CS1W-OD291, CS1W-OD292
CS1W-MD291, CS1W-MD292
96 points
Six XW2B-20G4 or six XW2B-20G5
terminal blocks
Two XW2Z-
PPPH-3 cables
Note: For detailed information about connector pin-outs, refer to CS1 Operation Manual (W339), Appendix A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com