Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4100V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4100V
Description  Lithium-ion Battery Charger Controller IC with Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4100V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4100V Datasheet HTML 5Page - New Japan Radio NJW4100V Datasheet HTML 6Page - New Japan Radio NJW4100V Datasheet HTML 7Page - New Japan Radio NJW4100V Datasheet HTML 8Page - New Japan Radio NJW4100V Datasheet HTML 9Page - New Japan Radio NJW4100V Datasheet HTML 10Page - New Japan Radio NJW4100V Datasheet HTML 11Page - New Japan Radio NJW4100V Datasheet HTML 12Page - New Japan Radio NJW4100V Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJW4100
- 9 -
Ver.2005-01-20
■FEATURE DESCRIPTION (CONTINUED)
2. Current Detection Block (CS1 pin, CS2 pin)
A current detection resistor RCSis inserted between pin CS1 and pin CS2 to monitor battery charge current.
The input voltage between pin CS1 and pin CS2 is amplified by the 12dB current detection amp and fed back to the charge
current control amp. (Figure 3)
2-1. Pre-Charge Current, Quick Charge Current (P-CHG pin, Q-CHG pin)
This will switch between charging with pre-charge current or quick charge current according to the level of the battery
voltage VBAT that is input from the VS pin.
VBAT x 0.475 to VBAT x 0.73
Pre-charge control
VBATx 0.73 to VBAT
Quick charge control
Pre-charge and quick charge current values are determined by the P-CHG pin and the Q-CHG pin voltage settings.
Settings are made according to the following formulae.
Pre-Charge Current Value
IP-CHG= (
2
P
1
P
2
P
R
R
R
+
x VREF(1.24V) / 4) / RCS
Quick Charge Current Value
IQ-CHG= (
2
Q
1
Q
2
Q
R
R
R
+
x VREF(1.24V) / 4) / RCS
2-2. Full Charge Detection (F-CHG pin)
Charge termination is determined by a set full
charge current
IF-CHG., which is determined by a
voltage setting on the F-CHG pin.
IF-CHG= (
2
F
1
F
2
F
R
R
R
+
x VREF(1.24V) / 8) / RCS
When charging is terminated, LED-G turns on,
and the sequence moves to the re-charge
detection operation.
Figure 3. Block for Controlling Pre-Charge, Quick Charge,
and Block for Detecting Full Charge.
To OR
Circuit
Quick Charge
Detection
Full Charge
Detection
6dB
CVCC-ON
12dB
Quick/
Pre-Charge
RP1
RP2
RQ1
RQ2
Q-CHG
P-CHG
VREF
CS2
NFB
CS1
RB1
RB2
VS
Rcs
CS2
F-CHG
RF1
RF2
VREF
To Charge
Output
Switch Pre/Quick
Charge Current
Control Block
To Charge Voltage
Control Amp
Charge Current
Control Amp
VBAT x 0.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com