Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1205723 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1205723
Description  Replacement sleeve feed - CF 3000 HZG 2,5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1205723 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1205723 Datasheet HTML 1Page - PHOENIX CONTACT 1205723 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1205723
2/26/14   Page 1 / 2
Replacement sleeve feed - CF 3000 HZG 2,5 - 1205723
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Replacement sleeve feed, for the crimping device CF 3000-2,5
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
202.5 GRM
Custom tariff number
84799080
Country of origin
Germany
Technical data
Product type
Sleeve receiver
Approval
GOST
Conductor cross section
2.5 mm²
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
17130101
eCl@ss 7.0
17130101
eCl@ss 8.0
17130101
ETIM
ETIM 2.0
EC001186
ETIM 3.0
EC001186
ETIM 4.0
EC001186


Similar Part No. - 1205723

ManufacturerPart #DatasheetDescription
logo
Heyco.
12057 HEYCO-12057 Datasheet
147Kb / 1P
Nylon Snap Lock Pins
logo
Belden Inc.
12057 BELDEN-12057 Datasheet
471Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
PHOENIX CONTACT
1205707 PHOENIX-1205707 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 1,0
1205710 PHOENIX-1205710 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 1,5
1205736 PHOENIX-1205736 Datasheet
184Kb / 5P
CF 3000 SI 0,63A/T/250V - Replacement fuse
More results

Similar Description - 1205723

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-HZG-0 PHOENIX-CF-3000-HZG-0 Datasheet
43Kb / 2P
Replacement sleeve feed, for the crimping device CF 3000-2,5
CF-3000-HZG-1 PHOENIX-CF-3000-HZG-1 Datasheet
43Kb / 2P
Replacement sleeve feed, for the crimping device CF 3000-2,5
CF-3000-CG-0 PHOENIX-CF-3000-CG-0 Datasheet
44Kb / 2P
Replacement cable guide 0.5 mm짼, for sleeve feed CF 3000 HZG 0,5
CF-3000-CG-1 PHOENIX-CF-3000-CG-1 Datasheet
45Kb / 2P
Replacement cable guide 1.0 mm짼, for sleeve feed CF 3000 HZG 1,0
CF-3000-CG-2 PHOENIX-CF-3000-CG-2 Datasheet
45Kb / 2P
Replacement cable guide 2.5 mm짼, for sleeve feed CF 3000 HZG 2,5
1205684 PHOENIX-1205684 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 0,5
1205697 PHOENIX-1205697 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 0,75
1205707 PHOENIX-1205707 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 1,0
1205710 PHOENIX-1205710 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 1,5
1212378 PHOENIX-1212378 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 0,25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com