Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMGD780SN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMGD780SN
Description  Dual N-channel mTrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMGD780SN Datasheet(HTML) 5 Page - NXP Semiconductors

  PMGD780SN Datasheet HTML 1Page - NXP Semiconductors PMGD780SN Datasheet HTML 2Page - NXP Semiconductors PMGD780SN Datasheet HTML 3Page - NXP Semiconductors PMGD780SN Datasheet HTML 4Page - NXP Semiconductors PMGD780SN Datasheet HTML 5Page - NXP Semiconductors PMGD780SN Datasheet HTML 6Page - NXP Semiconductors PMGD780SN Datasheet HTML 7Page - NXP Semiconductors PMGD780SN Datasheet HTML 8Page - NXP Semiconductors PMGD780SN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PMGD780SN
Dual N-channel
µTrenchMOS™ standard level FET
Product data
Rev. 01 — 11 February 2004
5 of 12
9397 750 12758
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS =0V
Tj =25 °C
60
--V
Tj = −55 °C
55
--V
VGS(th)
gate-source threshold voltage
ID = 0.25 mA; VDS =VGS; Figure 9
Tj =25 °C
12-
V
Tj = 150 °C
0.6
-
-
V
Tj = −55 °C
-
-
3.5
V
IDSS
drain-source leakage current
VDS =60V; VGS =0V
Tj =25 °C
-
0.05
1
µA
Tj = 150 °C
-
-
100
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 0.3 A; Figure 7 and 8
Tj =25 °C
-
780
920
m
Ω
Tj = 150 °C
-
1445 1700 m
Ω
VGS = 4.5 V; ID = 0.075 A; Figure 7 and 8
-
1100 1400 m
Ω
Dynamic characteristics
Qg(tot)
total gate charge
ID = 1 A; VDD =30V; VGS =10V; Figure 13
-
1.05
-
nC
Qgs
gate-source charge
-
0.2
-
nC
Qgd
gate-drain (Miller) charge
-
0.22
-
nC
Ciss
input capacitance
VGS =0V; VDS = 30 V; f = 1 MHz; Figure 11
-23
-
pF
Coss
output capacitance
-
5
-
pF
Crss
reverse transfer capacitance
-
3.5
-
pF
td(on)
turn-on delay time
VDD =30V; RL =30 Ω; VGS =10V; RG =6 Ω
-2
-ns
tr
rise time
-4
-ns
td(off)
turn-off delay time
-
5
-
ns
tf
fall time
-
2.2
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 0.3 A; VGS =0V; Figure 12
-
0.83
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com