Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCS1732S Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMCS1732S
Description  Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS1732S Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMCS1732S Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS1732S Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DMCS1732S Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Mobile Workstation with Monitor Mount - For 17"
to 32" Displays, Height Adjustable
MODEL NUMBER: DMCS1732S
Mobile desk with monitor mount is an all-in-one workstation you can roll from room to room. Height
adjustments provide optimal comfort.
Features
Roll This All-in-One Adjustable-Height Workstation Wherever You Need to GoThis workstation with
monitor mount has four swivel casters, so you can roll it wherever your work takes you. The placement of
the monitor and keyboard tray are adjustable, so you can use the DMCS1732S as a standing desk or a
sitting workspace at home, school or the office. Because of its small footprint, the workstation fits in
spaces too small for a traditional desk. When not in use, the workstation can be rolled into a secure area
for storage. Two of the casters lock to prevent unwanted movement.
Easily Mount a 17" to 32" Display and Adjust the Viewing AngleFor hassle-free display compatibility,
this rolling cart supports 75 x 75 and 100 x 100 VESA mounting hole patterns for flat-panel displays from
17 to 32 inches. Maximum supported weight is 17.6 lb. Depending on where it is secured to the steel
support pole, the monitor mount can provide a viewing height anywhere from 37 to 68.9 inches above the
floor. The mount offers -15° to +15° tilt adjustment to improve the viewing angle. It also has ±180°
rotation.
Move the Keyboard Tray to a Comfortable HeightThe keyboard tray adjusts from 34.8 to 66.7 inches
above the floor. To raise or lower the tray, simply loosen the adjustment knobs, move the tray to the
desired height and tighten the knobs. The keyboard tray has a wrist rest and plenty of room for the
included mouse pad. It supports up to 4.4 lb. A cable manager keeps keyboard and mouse cables
separated and untangled. The support pole has two guides for neatly routing all cables toward the bottom
of the workstation.
Adjust the CPU Holder to Accommodate Different Form FactorsTo accommodate a variety of form
factors, the CPU holder’s width adjusts from 4.8 to 8.3 inches. You can also adjust the height of the holder
from 4.4 to 28.8 inches above the floor. The holder supports up to 22 lb. and includes straps to secure a
CPU or other component.
Highlights
Accommodates most flat-panel
displays from 17 to 32 in. and up
to 17.6 lb.
q
Monitor mount adjusts from 37
to 68.9 inches above the floor
q
-15° to +15° tilt adjustment
improves viewing angles
q
Keyboard tray and CPU holder
are height adjustable for user
comfort
q
Swivel casters allow easy rolling
over thresholds
q
Applications
Give a presentation at a trade
show booth
q
Input patient information from
multiple exam rooms in a clinic
q
Take inventory in a large
warehouse
q
Deliver a lecture or a daily
lesson to students in different
classrooms
q
Set up an efficient workstation
for a temporary employee
q
Package Includes
All DMCS1732S components
(assembly required)
q
Assembly fasteners
q
Display mounting fasteners
q
Hex keys
q
Wrench
q
Mouse pad
q
Owner’s manual
q
1 / 3


Similar Part No. - DMCS1732S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
DMCS60100XX TRIPPLITE-DMCS60100XX Datasheet
163Kb / 2P
Mobile Flat/Curved Panel Floor Stand - 60- 100 TVs and Monitors, Heavy-Duty
DMCSD3545M TRIPPLITE-DMCSD3545M Datasheet
162Kb / 2P
Rolling Dual-Screen TV/Monitor Cart - For Two 35" to 45" TVs and Monitors, Side-by-Side Mounting
More results

Similar Description - DMCS1732S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM1742MN TRIPPLITE-DWM1742MN Datasheet
511Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
DWM1742S TRIPPLITE-DWM1742S Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 17 to 42 Flat-Screen Displays
logo
List of Unclassifed Man...
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
logo
Tripp Lite. All Rights ...
SRLCDMOUNT TRIPPLITE-SRLCDMOUNT Datasheet
170Kb / 2P
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
WWSSD3622 TRIPPLITE-WWSSD3622 Datasheet
170Kb / 3P
WorkWise Height-Adjustable Sit-Stand Desktop Workstation, 36 x 22 in. Monitor Platform
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
DDV1727S TRIPPLITE-DDV1727S Datasheet
161Kb / 2P
Single-Display Monitor Stand - Height Adjustable, 17??to 27??Monitors
logo
Advantech Co., Ltd.
AVAS-60 ADVANTECH-AVAS-60 Datasheet
121Kb / 1P
Integrated Mobile Surgical Workstation
9-Jul-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com