Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMFC3265M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMFC3265M
Description  Floor-to-Ceiling Mount for 32" to 65" TVs and Monitors - Height Adjustable, Shelf for A/V Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMFC3265M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMFC3265M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMFC3265M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Floor-to-Ceiling Mount for 32" to 65" TVs and
Monitors - Height Adjustable, Shelf for A/V
Source
MODEL NUMBER: DMFC3265M
An adjustable-height support pole provides flexible screen placement in rooms with up to 12-foot ceilings.
Includes A/V source shelf.
Features
Floor-to-Ceiling Mount Works in Almost Any Room with a Ceiling up to 12 ft. HighThe DMFC3265M
mount offers flexible screen placement in rooms where installing a display mount on a wall is not possible
or desirable. Made of steel with a black powder-coated finish, the support pole has telescoping adjustment
to mount in rooms with solid ceilings from 6.8 to 12 feet high. A pressure clamp at the base secures the
pole. As long as you have access to power, you can mount the support pole anywhere in the room. Pole
diameter is approximately 1.7 inches; the top telescoping section is slightly narrower.
Easily Mount a 32" to 65" Display and Adjust the Viewing AngleMount the display bracket to the
support pole at the best height for your application. Designed for flat-panel displays from 32 to 65 inches,
the DMFC3265M supports the following VESA mounting hole patterns: 200 x 200, 300 x 300, 400 x 200,
400 x 400 and 600 x 400. Maximum supported weight is 55 lb. The mount offers -3° to +3° screen level
adjustment and ±180° swivel to improve the viewing angle for the audience.
Store Your Video Source on the Convenient Height-Adjustable ShelfThe shelf mounts to the support
pole at a height of your choosing. It provides a convenient place for your laptop, DVD or Blu-ray player or
other video source. The shelf is 11 x 7.8 inches and supports up to 11 lb. Cable guides route cords along
the pole to reduce clutter.
Keep the Mount Portable or Choose Permanent InstallationPerfect for temporary digital signage, the
DMFC3265M does not require permanent mounting. When needs change, it can be moved without
damaging the ceiling or floor. You also have the option of securing the pole to a permanently mounted
floor anchor (included).
Highlights
Accommodates flat-panel
displays from 32 to 65 in. and up
to 55 lb.
q
Support pole adjusts for ceilings
up to 12 ft. high
q
Pressure clamp at the floor
holds mount in place
q
Shelf supports a laptop, Blu-ray
player or other component up to
11 lb.
q
Option for mounting to a
permanent floor anchor
q
Applications
Show video in a multipurpose
area not equipped with A/V
equipment
q
Create temporary digital signage
in a retail environment
q
Mount an extra screen in a
lobby for a special event
q
Move a screen to a different
corner as seating arrangements
change in a living room or
conference room
q
Add a screen to a classroom
without drilling holes for a wall-
mount display
q
Package Includes
All DMFC3265M components
(some assembly required)
q
Assembly fasteners
q
Display mounting fasteners
q
Hex keys
q
Owner’s manual
q
1 / 2


Similar Part No. - DMFC3265M

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DMF SKYWORKS-DMF Datasheet
1Mb / 20P
Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Arista Networks, Inc
DMF ARISTA-DMF Datasheet
1Mb / 14P
DANZ Monitoring Fabric™ Simple, Scalable, Economical
October 7, 2024
DMF ARISTA-DMF Datasheet
235Kb / 3P
Multi-Cloud Director™ Unified Multi-Controller Management For DMF and CCF
November 16 021
logo
Merrimac Industries, In...
DMF-10A-300 MERRIMAC-DMF-10A-300 Datasheet
98Kb / 1P
DOUBLE BALANCED MIXER
DMF-2A-1700SQ MERRIMAC-DMF-2A-1700SQ Datasheet
297Kb / 1P
DOUBLE BALANCED MIXER
More results

Similar Description - DMFC3265M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65194 TI-TPS65194_10 Datasheet
219Kb / 7P
13-Channel Level Shifter for LCD TVs and Monitors
logo
Tripp Lite. All Rights ...
DWM3750S TRIPPLITE-DWM3750S Datasheet
510Kb / 3P
Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
DMR1024X2 TRIPPLITE-DMR1024X2 Datasheet
158Kb / 3P
Dual Flat-Panel Rail Wall Mount for 10??to 24??TVs and Monitors
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWTSC3255MUL TRIPPLITE-DWTSC3255MUL Datasheet
161Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 32 to 55 TVs and Monitors, Flat or Curved Screens, UL Certified
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
DMC1342S TRIPPLITE-DMC1342S Datasheet
165Kb / 3P
Mobile TV Stand - Height Adjustable, 13??to 42??TVs and Monitors, Locking Casters, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com