Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N009-004-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N009-004-R
Description  Cat5e Retractable Patch Cable, 4-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N009-004-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N009-004-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N009-004-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Cat5e Retractable Patch Cable, 4-ft.
MODEL NUMBER: N009-004-R
Description
Tired of carrying all those loose cords around? When you're an on-the-go business person with no time to
spare, who wants to carry all those loose laptop cords with you while traveling? Eliminate all those worries
with the retractable RJ45 Ethernet Patch Cable. It fits easily in your notebook case or pocket and extends
up to 4ft in length and gracefully retracts into a small reel. RJ45 male to male connectors.
Features
Automatic spring retractable cord
q
Great alternative to carrying loose network cables
q
Ethernet 802.3 compliant
q
Highlights
Ideal for connecting the RJ45
network port on your notebook
to a network
q
Cables extend easily and retract
automatically
q
System Requirements
PC/Notebook with RJ45
Ethernet Port
q
Network Jack with RJ45
Ethernet Port
q
Package Includes
4-ft. Retractable RJ45 M/M
Cable for Laptop Ethernet Port
q
OVERVIEW
UPC Code
037332131706
INPUT
Cable Length (ft.)
4
Cable Length (m)
1.2
Cable Length (in.)
48
Cable Length (cm)
121.9
PHYSICAL
Shipping Dimensions (hwd / in.)
0.25 x 0.25 x 1.00
Shipping Dimensions (hwd / cm)
0.64 x 0.64 x 2.54
1 / 2


Similar Part No. - N009-004-R

ManufacturerPart #DatasheetDescription
logo
Heyco.
N009 HEYCO-N009 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
More results

Similar Description - N009-004-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-004-BK TRIPPLITE-N002-004-BK Datasheet
486Kb / 3P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 4-ft.
N002-004-BL TRIPPLITE-N002-004-BL Datasheet
488Kb / 3P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 4-ft.
N002-004-GY TRIPPLITE-N002-004-GY Datasheet
482Kb / 3P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 4-ft.
logo
Assmann Electronics Inc...
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-801500R-R ASSMANN-A-MCSP-801500R-R Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSSP-80010-R ASSMANN-A-MCSSP-80010-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80070-R ASSMANN-A-MCSSP-80070-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSP-80030-R-AP-R ASSMANN-A-MCSP-80030-R-AP-R Datasheet
101Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80020-Y ASSMANN-A-MCSP-80020-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80010-AP-R ASSMANN-A-MCSP-80010-AP-R Datasheet
100Kb / 1P
Cat5e FTP Patch cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com