Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24E64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST24E64
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST24E64 Datasheet HTML 8Page - STMicroelectronics ST24E64 Datasheet HTML 9Page - STMicroelectronics ST24E64 Datasheet HTML 10Page - STMicroelectronics ST24E64 Datasheet HTML 11Page - STMicroelectronics ST24E64 Datasheet HTML 12Page - STMicroelectronics ST24E64 Datasheet HTML 13Page - STMicroelectronics ST24E64 Datasheet HTML 14Page - STMicroelectronics ST24E64 Datasheet HTML 15Page - STMicroelectronics ST24E64 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DEV SEL *
BYTE ADDR
BYTE ADDR
DEV SEL
DATA OUT 1
AI01105B
DATA OUT N
CURRENT
ADDRESS
READ
DEV SEL
DATA OUT
RANDOM
ADDRESS
READ
DEV SEL *
DATA OUT
SEQUENTIAL
CURRENT
READ
DATA OUT N
DEV SEL *
BYTE ADDR
BYTE ADDR
SEQUENTIAL
RANDOM
READ
DEV SEL *
DATA OUT 1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK
Figure 10. Read Modes Sequence
Note: * The 7 Most Significant bits of DEV SEL bytes of a Random Read (1st byte and 4th byte) must be identical.
12/16
ST24E64, ST25E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com