Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCW2012 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLCW2012
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLCW2012 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WLCW2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WLCW2012 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
ASC_WLCW2012 Series_V8.0
Nov. Y2017
Features
1.
Standard chip size bobbin with wire wound coil provides high reliability, productivity and performance.
2.
Excellence Q and SRF characteristics for RF application, such as LO tank, antenna matching and filter.
3.
Wide range inductance and various tolerance options.
4.
RoHS compliant.
Applications
1.
Communication: GSM/3G/LTE, Wi-Fi, GPS.
2.
Consumer: Cabel/T
errestrial/BS Tuner, Bluetooth, Wireless Audio, Remote control.
3.
M2M: ZigBee, Proprietary wilreless.
Shape and Dimension
1.78
Unit: mm
Example : WLCW2012Z0□
□
□
□2N2PB
MARKING : WHITE
MARK COLOR CODE IN COMPOSITE SPECIFICATION
WLCW
Series
M1
M2
M3
2012
2.29(MAX)
1.52(MAX)
1.73(MAX)
Ordering Information
WL
CW
2012
Z0
J
2N2
P
B
Product
Code
Series
Dimensions
Series
extension
Tolerance
Value
Packing Code
WL:
Inductor
SMD wire
wound
ceramic chip
inductor.
2012
(EIA 0805)
Z0:STD
G:
± 2%
J:
± 5%
K:
± 10%
2N2 =2.2nH
12N=12nH
R12=120nH
1R0=1000nH
P=7” Reeled
(Embossed tape)
B:STD
WLCW2012
Color Code
IDENTIFIER
COLOR CODE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com