Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10C1000UTL Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C1000UTL
Description  High Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C1000UTL Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF10C1000UTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF10C1000UTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Approval Sheet
Page 8 of 10
ASC_WFxxC
MAR 2018
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
REQUIREMENT
TEST
PROCEDURE
Resistor
DC resistance
Clause 4.5
DC resistance values measured
Within the specified tolerance
Temperature
Coefficient of
Resistance(T.C.R)
Clause 4.8
Natural resistance change per change in degree
centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C)
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
t1 : 20°C+5°C-1°C
t2 : 125°C+5°C-1°C
Refer to
“ QUICK REFERENCE DATA “
Short time overload
(S.T.O.L)
Clause 4.13
Permanent
resistance
change
after
a
5second
application of a voltage 2.5 times RCWV or the
maximum overload voltage specified in the above list,
whichever is less.
∆R/R max. ±(0.1%+0.05Ω)
Resistance to
soldering
heat(R.S.H)
IEC 60068-2-
58:2004
Un-mounted
chips
completely
immersed
for
10±1second in a SAC solder bath at 260℃±5ºC
no visible damage
∆ R/R max. ±(0.1%+0.05Ω)
Solderability
IEC 60068-2-
58:2004
Un-mounted chips completely immersed for 2±0.5
second in a SAC solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
Temperature
cycling
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-
1°C, 30 minutes at +155
°C±3°C, 2~3 minutes at
20°C+5°C-1°C, total 5 continuous cycles
no visible damage
∆R/R max. ±(0.25%+0.05Ω)
Load Life
(Endurance)
Clause 4.25
70±2ºC, 1000 hours, loaded with RCWV or Vmax,1.5
hours on and 0.5 hours off
∆R/R max. ±(0.25%+0.05Ω)
Humidity
Clause 4.24
1000 hours, at rated continuous working voltage in
humidity chamber controller at 40
°C±2°C and 90~95%
relative humidity, 1.5hours on and 0.5 hours off
∆R/R max. ±(0.25%+0.05Ω)
Bending strength
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4); bending : 3 mm, once for 10 seconds.
∆R/R max. ±(0.1%+0.05Ω)
Adhesion
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of the
terminations.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com