Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF04Q4R70CTLS Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04Q4R70CTLS
Description  Thin Film Pulse Withstanding Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04Q4R70CTLS Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WF04Q4R70CTLS Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04Q4R70CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Approval Sheet
Page 2 of 11
ASC_WFxx_S
Aug - 2018
FEATURE
1.
SMD metal thin film resistor
2.
High reliability and stability of 0.5% and below per customer request
3.
High performance of TCR: 50 & 25 ppm/
°C and below per customer request
4.
Low current noise
5.
RoHS compliant and lead free
6.
Sulfuration resistant against ASTM B-809-95
7.
Low resistance with superior pulse withstand ability
8.
Meet the requirements of standards of specifications as IEC 60115-1 4.24.2, test 96 hours at 85
℃/85%RH.
9.
Meet the requirements of Q/GDW 11179.3-2014 Class C, 10ms application of a voltage 10 times RCWV
APPLICATION
•
Test equipment
•
Measuring instrument
•
E-meter
•
Smart meter
•
Advanced Metering Infrastructure
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive layer that is applied to the top surface of the substrate. The
composition of the resistive layer is adjusted to give the approximate resistance required and the value is
trimmed to nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
environmental soldering issue, the outer layer of these end terminations is a Lead-free solder .
Fig 1. Construction of Chip-R WFxx_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com