Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH32B104F6R3CT Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH32B104F6R3CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32B104F6R3CT Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  SH32B104F6R3CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
1. INTRODUCTION
WTC soft termination series MLCC is designed and with a polymer layer within end terminations of product, which
can absorb mechanical stress caused by PCB handling in SMT line and reduce the mechanical impact for product. It will
offer more robust and reliable performance in applications.
4. HOW TO ORDER
SH
31
B
104
K
500
C
T
Series
SH=Soft
termination
Size
15=0402 (1005)
18=0603 (1608)
21=0805 (2012)
31=1206 (3216)
32=1210 (3225)
43=1812 (4532)
46=1825 (4563)
55=2220 (5750)
56=2225 (5763)
Dielectric
N=NP0
(C0G)
B=X7R
X=X5R
F=Y5V
Capacitance
Two significant digits
followed by no. of zeros.
And R is in place of
decimal point.
Eg.
104=10x10
4
=100nF
Tolerance
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Z=-20/+80%
Rated voltage
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
6R3=6.3 VDC
100=10 VDC
160=16 VDC
250=25 VDC
500=50 VDC
101=100 VDC
201=200 VDC
251=250 VDC
401=400 VDC
451=450 VDC
501=500 VDC
631=630 VDC
102=1000 VDC
152=1500 VDC
202=2000 VDC
252= 2500 VDC
302=3000 VDC
Termination
C=Ag Polymer
/Ni/Sn
Packaging
T=7” reeled
G=13” reeled
2. FEATURES
a.
MLCC’s termination are with a soft & flexible
polymer layer to withstand high bending stress in SMT
line.
b.
Available for any item in standard series range.
3. APPLICATIONS
a.
Automotive industry.
b.
Power supply and related industries.
c.
Lighting industry.
d.
The other mechanical stress concerned products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com