Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2225B104F252CT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # 2225B104F252CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F252CT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  2225B104F252CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F252CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
4. CAPACITANCE RANGE
4-1 NP0 Dielectric
DIELECTRIC
NP0
SIZE
1825
2220
2225
RATED VOLTAGE
(VDC)
50
100
200
250
500 630 1000 2000 3000 4000
50
100
200
250
500 630 1000 2000 3000 4000
50
100
200
250
500 630 1000 2000 3000 4000
10pF (100) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
12pF (120) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
15pF (150) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
18pF (180) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
22pF (220) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
27pF (270) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
33pF (330) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
39pF (390) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
47pF (470) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
56pF (560) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
68pF (680) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
82pF (820) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
100pF (101) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
120pF (121) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
150pF (151) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
180pF (181) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
220pF (221) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
270pF (271) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
330pF (331) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
K
390pF (391) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
K
470pF (471) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
K
560pF (561) K
K
K
K
K
K
K
K
K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
K
680pF (681) K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
K
820pF (821) K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
M
K
K
K
K
K
K
M
M
1,000pF (102) K
K
K
K
K
K
K
M
K
K
K
K
K
K
K
M
K
K
K
K
K
K
M
M
1,200pF (122) K
K
K
K
K
K
K
K
K
K
K
K
M
M
M
K
K
K
K
K
K
M
1,500pF (152) K
K
K
K
K
K
M
K
K
K
K
K
M
M
M
K
K
K
K
K
K
M
1,800pF (182) K
K
K
K
K
K
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
2,200pF (222) K
K
K
K
K
K
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
2,700pF (272) K
K
K
K
K
K
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
3,300pF (332) K
K
K
K
K
K
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
3,900pF (392) K
K
K
K
K
M
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
4,700pF (472) K
K
K
K
K
M
M
K
K
K
K
K
M
M
K
K
K
K
K
K
M
5,600pF (562) K
K
K
K
K
M
K
K
K
K
K
M
K
K
K
K
K
M
M
6,800pF (682) K
K
K
K
K
M
K
K
K
K
K
M
K
K
K
K
K
M
M
8,200pF (822) K
K
K
K
K
M
K
K
K
K
K
M
K
K
K
K
K
M
M
0.010uF (103) K
K
K
K
K
M
K
K
K
K
K
M
K
K
K
K
K
M
M
0.012
µF (123) K K K K K
K
K
K
K
K
K
K
K
K
K
0.015
µF (153) K K K K K
K
K
K
K
K
K
K
K
K
K
0.018
µF (183) K K K K K
K
K
K
K
K
K
K
K
K
K
0.022
µF (223) K K K K K
K
K
K
K
K
K
K
K
K
K
0.027
µF (273) K K K K K
K
K
K
K
K
K
K
K
K
0.033
µF (333) K K K K K
K
K
K
K
K
K
K
K
K
0.039
µF (393) K K K M M
K
K
K
M
K
K
K
K
K
0.047
µF (473) K K K
K
K
M
M
K
K
K
K
K
0.056
µF (563) K K M
K
K
M
K
K
M
M
M
0.068
µF (683) K K M
K
K
M
K
K
M
M
M
0.082
µF (823) K M
M
M
K
K
M
M
0.1
µF (104) M M
M
M
K
M
M
0.12
µF (124)
0.15
µF (154)
0.18
µF (184)
0.22
µF (224)
0.27
µF (274)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com