Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201N104F250CT Datasheet(PDF) 21 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201N104F250CT
Description  High capacitance in given case size
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201N104F250CT Datasheet(HTML) 21 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201N104F250CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION 0201N104F250CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 21 of 22
ASC_General Purpose_001AE_AS
May. 2019
◙ Example of customer label
*Customized label is available upon request
◙ Constructions
◙ Storage and handling conditions
(1) To store products at 5 to 40
°C ambient temperature and 20 to 70%. related humidity conditions.
(2) The product is recommended to be used within one year after shipment. Check solderability in case of shelf life extension
is needed.
Cautions:
a. The corrosive gas reacts on the terminal electrodes of capacitors, and results in the poor solderability.
Do not
store the capacitors in the ambience of corrosive gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine, ammonia
gas etc.)
b. In corrosive atmosphere, solderability might be degraded, and silver migration might occur to cause low
reliability.
c.
Due to the dewing by rapid humidity change, or the photochemical change of the terminal electrode by direct
sunlight, the solderability and electrical performance may deteriorate. Do not store capacitors under direct
sunlight or dewing condition. To store products on the shelf and avoid exposure to moisture.
No.
Name
NPO
X7R, X5R, X6S, X7S, Y5V
1
Ceramic material
CaZrO3 based
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn
Fig. 5 The construction of MLCC
a. Customer name
b. WTC order series and item number
c. Customer P/O
d. Customer P/N
e. Description of product
f. Quantity
g. Bar code including quantity & WTC P/N or customer
h. WTC P/N
i. Shipping date
j. Order bar code including series and item numbers
k. Serial number of label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com