Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # R2000
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

R2000 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  R2000 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd R2000 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd R2000 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R1200 THRU R2000
HIGH VOLTAGE SILICON RECTIFIER
REVERSE VOLTAGE:
1200 to 2000 VOLTS
FORWARD CURRENT:
0.2 to 0.5 AMPERE
FEATURES
· Low cost
DO-41
· Low leakage
· Low forward voltage drop
.034 (.86)
· High current capability
(25.4) 1.0
.028 (.71)
MIN
(5.2) .205
(4.1) .160
.107 (2.7)
MECHANICAL DATA
(25.4) 1.0
.080 (2.0)
Case: Molded plastic, DO-41
MIN
Terminals: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Band denotes cathode
Mounting position: Any
Weight: 0.013ounce, 0.3gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 0.5/0.2A
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Maximum Full Load Reverse Current Average,
Full Cycle .375”, (9.5mm) lead length at TL = 75℃
Typical Junction Capacitance (Note 1)
CJ
pF
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
-55 to +150
Amp
Amp
uAmp
30
2.0
3.0
uAmp
50
Dimensions in inches and (millimeters)
30
I(AV)
IFSM
R1200
R1500
R1800
R2000
1200
1500
1800
2000
840
1050
1260
1400
1500
1800
2000
IR
30
1200
0.5
0.2
5.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com