Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS16XX Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # MBRS16XX
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

MBRS16XX Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  MBRS16XX Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd MBRS16XX Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd MBRS16XX Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBRS1635 THRU MBRS1660
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE:
35 to 60 VOLTS
FORWARD CURRENT:
16.0 AMPERE
FEATURES
· For surface mounted application
D
2PAK
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· For use in low voltage,high frequency inverters,free
whelling,and polarity protection applications
· High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: Molded plastic, D
2PAK
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Polarity: As marked
Mounting position: Any
Weight: 0.06ounce, 1.70gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
MBRS1635
MBRS1645
MBRS1650
MBRS1660
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
Volts
Maximum RMS Voltage
VRMS
24
31
35
42
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
Volts
Maximum Average Forward Rectified Current
at TC = 125°C
Peak repetitive forward current at TC = 125°C
(rated VR, sq. wave, 20 KHz)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Peak repetitive reverse current at tp = 2.0µs, 1KHz
IRRM
Amp
Maximum Forward
at IF = 16A, TC = 25°C
Voltage (Note 1)
at IF = 16A, TC = 125°C
Maximum Reverse Current
at TC=25℃
at Rated DC Blocking Voltage
TC=125℃
Voltage rate of change (rated VR)
dv/dt
V/µs
Typical Thermal Resistance
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
Tstg
NOTES:
1- Pulse test: 300µs pulse width, 1% duty cycle
0.2
-55 to +175
40
0.65
1.0
50
10,000
-55 to +150
1.5
Dimensions in inches and (millimeters)
32.0
0.57
16.0
150
1.0
0.5
0.63
0.75
IR
Amp
Amp
Volts
mAmp
I(AV)
IFSM
VF
IFRM
Amp



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com