Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR3LPQ Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # Q45VR3LPQ
Description  Q45VR3 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR3LPQ Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button Q45VR3LPQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 9Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 10Page - Banner Engineering Corp. Q45VR3LPQ Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Performance Curves
Opposed
Excess Gain
Beam Pattern
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.33 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
Q45E/R
Opposed Mode
Effective Beam: 13 mm
48 m
160 ft
60 m
200 ft
36 m
120 ft
24 m
80 ft
12 m
40 ft
0
0
0.5 m
1.0 m
1.5 m
0.5 m
1.0 m
1.5 m
0
20 in
40 in
60 in
20 in
40 in
60 in
DISTANCE
Q45E/R
Opposed Mode
Retroreflective Non-Polarized
Retroreflective Polarized
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45LV
Retroreflective Mode
With BRT-3 Reflector
12 m
40 ft
15 m
50 ft
9 m
30 ft
6 m
20 ft
3 m
10 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45LV
Retroreflective Mode
With BRT-3 Reflector
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45LP
Retroreflective Mode
With BRT-3 Reflector
6 m
20 ft
7.5 m
25 ft
4.5 m
15 ft
3 m
10 ft
1.5 m
5 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45LP
Retroreflective
Mode
With BRT-3 Reflector
Diffuse-mode performance curves are based on a 90% reflectance white test card.
Diffuse Short Range
Diffuse Long Range
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45D
Diffuse Mode
500 mm
20.0 in
400 mm
16.0 in
300 mm
12.0 in
200mm
8.0 in
100 mm
4.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
DISTANCE
Q45D
Diffuse Mode
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45DL
Diffuse Mode
2.4 m
8 ft
3.0 m
10 ft
1.8 m
6 ft
1.2 m
4 ft
0.6 m
2 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
DISTANCE
Q45DL
Diffuse Mode
Q45VR3 Series Sensors
P/N 53997 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com