Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LM58 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # 45LM58
Description  Q45BB6LL Laser Diode Retroreflective Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45LM58 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  45LM58 Datasheet HTML 1Page - Banner Engineering Corp. 45LM58 Datasheet HTML 2Page - Banner Engineering Corp. 45LM58 Datasheet HTML 3Page - Banner Engineering Corp. 45LM58 Datasheet HTML 4Page - Banner Engineering Corp. 45LM58 Datasheet HTML 5Page - Banner Engineering Corp. 45LM58 Datasheet HTML 6Page - Banner Engineering Corp. 45LM58 Datasheet HTML 7Page - Banner Engineering Corp. 45LM58 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
Supply Voltage and Current
10 V to 30 V dc (10% maximum ripple), at less than 50 mA (exclusive
of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: one current sourcing (PNP) and one current sinking (NPN)
open-collector transistor
Output Rating
250 mA maximum each output up to 50° C, derated to 150 mA at 70°
C (derate 5 mA/°C)
Off-state leakage current: less than 1 microamp
Output saturation voltage (both outputs): less than 1 volt at 10
mA and less than 2 volts at 250 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short circuit of outputs
Output Response Time
Less than 2 milliseconds
1 second delay on power-up; outputs do not conduct during this time.
Repeatability
0.5 milliseconds; response time and repeatability specifications are
independent of signal strength
Indicators
Indicator LEDs are visible beneath a raised transparent polycarbonate
dome on top of the sensor.
Power (green) LED: lights whenever 10 V to 30 V dc power is
applied, and flashes to indicate output overload or output short circuit.
A steady green LED also indicates that laser light is being emitted.
Signal (red) AID™ system LED: lights whenever the sensor sees its
modulated light source, and pulses at a rate proportional to the
strength of the received light signal
Load (amber) LED: lights whenever an output is conducting
Optional 7-element LED: signal strength display module
Adjustments
Beneath sensor’s transparent cover: Light/Dark Operate select
switch and multi-turn Sensitivity control on top of sensor allow precise
sensitivity setting (turn clockwise to increase gain). Optional logic and
logic/display modules have adjustable timing functions.
Construction
Molded thermoplastic polyester housing, o-ring sealed transparent
polycarbonate top cover, molded acrylic lenses, and stainless steel
hardware. Q45 sensors are designed to withstand 1200 psi washdown.
The base of cabled models has a 1/2" NPS integral internal conduit
thread.
Environmental Rating
NEMA 6P, IEC IP67
Laser Classification
Class II laser product. US Safety Standards 21 CFR 1040.10 and
1040.11; European Standards EN 60825 and IEC 60825
Connections
PVC-jacketed 2 m (6.5 ft) or 9 m (30 ft) cables, or 5-pin Mini-style (“Q”
suffix models) or 5-pin Euro-style (“Q6”suffix models) quick disconnect
(QD) fitting are available. QD cables are ordered separately.
Operating Conditions
–10° to +40° C (+14° to 104° F)
90% at +50 °C maximum relative humidity (non-condensing)
Application Notes
Optional logic timing modules are available
Certifications
Q45BB6LL Laser Diode Retroreflective Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 38244 Rev. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com