Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4448 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL4448
Description  HIGH SPEED SILICON SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL4448 Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL4448 Datasheet HTML 1Page - Continental Device India Limited CLL4448 Datasheet HTML 2Page - Continental Device India Limited CLL4448 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON SWITCHING DIODES
CLL4148
CLL4448
SOD - 80C
Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a black band
Hermetically Sealed, Glass Silicon Diodes
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
VRRM
100
V
Reverse Voltage (Continuous)
VR
75
V
Average Rectified Forward Current
IF (av)
150
mA
Forward Current (DC)
IF
200
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non Repetitive Peak Surge Current t=1
µµs
IFSM
2000
mA
t=1 s
IFSM
500
mA
Power Dissipation up to Tamb=25 ºC
Ptot
500
mW
Derating factor
2.85
mW/K
Operating & Storage Junction Temperature
Tj, Tstg
- 65 to +200
ºC
Range
ELECTRICAL CHARACTERISTICS (Ta=25 ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=10mA
CLL4148
1.0
V
IF=5mA
CLL4448
0.62
0.72
IF=100mA
CLL4448
1.0
Reverse Current
IR
VR=20V
25
nA
VR=75V
5.0
µA
VR=20V, Tj=100º C, CLL4448
3.0
µA
VR=20V, Tj=150º C
50
µA
Reverse Breakdown Voltage
VBR
IR=100µA
100
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
4.0
pF
Forward Recovery Voltage
Vfr
IF=50mA, tr=20ns
2.5
V
Reverse Recovery Time
trr
IF=10mA, to IR=60mA
4.0
ns
RL=100 Ω
Measured @ IR=1mA
.
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CLL4448

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4448 CENTRAL-CLL4448 Datasheet
360Kb / 2P
HIGH SPEED SWITCHING DIODE
CLL4448 CENTRAL-CLL4448_10 Datasheet
303Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4448 CENTRAL-CLL4448_15 Datasheet
303Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CLL4448

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
LL4148 CDIL-LL4148 Datasheet
141Kb / 4P
HIGH SPEED SILICON SWITCHING DIODES
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD7000 CENTRAL-CMKD7000_15 Datasheet
500Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMKD7000E CENTRAL-CMKD7000E_15 Datasheet
529Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com