Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R55FVG Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # R55FVG
Description  R55F Series Fiber-Optic Color Mark Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R55FVG Datasheet(HTML) 2 Page - Banner Engineering Corp.

  R55FVG Datasheet HTML 1Page - Banner Engineering Corp. R55FVG Datasheet HTML 2Page - Banner Engineering Corp. R55FVG Datasheet HTML 3Page - Banner Engineering Corp. R55FVG Datasheet HTML 4Page - Banner Engineering Corp. R55FVG Datasheet HTML 5Page - Banner Engineering Corp. R55FVG Datasheet HTML 6Page - Banner Engineering Corp. R55FVG Datasheet HTML 7Page - Banner Engineering Corp. R55FVG Datasheet HTML 8Page - Banner Engineering Corp. R55FVG Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
R55F Series Fiber-Optic Color Mark Sensors
page
2
Banner Engineering Corp. • Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
R55F Series Glass Fiber-Optic Sensor Models
R55F Series Plastic Fiber-Optic Sensor Models
* 9m (30') cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g., R55FV W/30). A model with a QD
connector requires a mating cable (see page 11).
Advantages of glass fiber optics for color mark sensing:
• Randomly mixed bifurcated fiber bundles produce the best optics for color mark sensing.
• Bundle of small fibers may be shaped at sensing end tip to match the color mark shape.
• Best chemical resistance.
Visible Red, 650 nm
Visible Green, 525 nm
Visible Blue, 475 nm
Visible White, 450-650 nm
Infrared, 880 nm
Visible Red, 650 nm
Visible Green, 525 nm
Visible Blue, 475 nm
Visible White, 450-650 nm
Advantages of plastic fiber optics for color mark sensing:
• Plastic fibers may be repeatedly flexed.
• Low cost.
• Most models may be cut to fit in the field.
Model
Number
Maximum Sensing Distance
For black-to-white contrast
Cable*
Supply
Voltage
Output
Type
Visible Red, 650 nm
10 to 30V dc
Bipolar
NPN/PNP
R55FP
0.040" dia. Fibers: 60 mm (2.4")
5-wire 2 m (6.5') cable
R55FPQ
5-pin Euro-style QD
Visible Green, 525 nm
R55FPG
0.040" dia. Fibers: 28 mm (1.1")
5-wire 2 m (6.5') cable
R55FPGQ
5-pin Euro-style QD
Visible Blue, 475 nm
R55FPB
0.040" dia. Fibers: 28 mm (1.1")
5-wire 2 m (6.5') cable
R55FPBQ
5-pin Euro-style QD
Visible White, 450 - 650 nm
R55FPW
0.040" dia. Fibers: 28 mm (1.1")
5-wire 2 m (6.5') cable
R55FPWQ
5-pin Euro-style QD
Model
Number
Maximum Sensing Distance
For black-to-white contrast
Cable*
Supply
Voltage
Output
Type
Visible Red, 650 nm
10 to 30V dc
Bipolar
NPN/PNP
R55FV
0.060" dia. Bundle: 28 mm (1.1")
0.125" dia. Bundle: 110 mm (4.3")
5-wire 2 m (6.5') cable
R55FVQ
5-pin Euro-style QD
Visible Green, 525 nm
R55FVG
0.060" dia. Bundle: 12 mm (0.5")
0.125" dia. Bundle: 50 mm (2.0")
5-wire 2 m (6.5') cable
R55FVGQ
5-pin Euro-style QD
Visible Blue, 475 nm
R55FVB
0.060" dia. Bundle: 12 mm (0.5")
0.125" dia. Bundle: 50 mm (2.0")
5-wire 2 m (6.5') cable
R55FVBQ
5-pin Euro-style QD
Visible White, 450 - 650 nm
R55FVW
0.060" dia. Bundle: 12 mm (0.5")
0.125" dia. Bundle: 50 mm (2.0")
5-wire 2 m (6.5') cable
R55FVWQ
5-pin Euro-style QD
Infrared, 880 nm
R55F
0.060" dia. Bundle: 40 mm (1.6")
0.125" dia. Bundle: 140 mm (5.5")
5-wire 2 m (6.5') cable
R55FQ
5-pin Euro-style QD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com