Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2300SC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2300SC
Description  Phase-Aligned Clock Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2300SC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2300SC Datasheet HTML 1Page - Cypress Semiconductor CY2300SC Datasheet HTML 2Page - Cypress Semiconductor CY2300SC Datasheet HTML 3Page - Cypress Semiconductor CY2300SC Datasheet HTML 4Page - Cypress Semiconductor CY2300SC Datasheet HTML 5Page - Cypress Semiconductor CY2300SC Datasheet HTML 6Page - Cypress Semiconductor CY2300SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2300
Document #: 38-07252 Rev. *B
Page 2 of 7
Functional Description
The CY2300 is a 4-output 3.3V phase-aligned system clock
designed to distribute high-speed clocks in PC, workstation,
datacom, telecom, and other high-performance applications.
The part allows the user to obtain 1/2x, 1x, 1x and 2x REFIN
output frequencies on respective output pins.
The part has an on-chip PLL which locks to an input clock
presented on the REFIN pin. The input-to-output skew is guar-
anteed to be less than
±200 ps, and output-to-output skew is
guaranteed to be less than 200 ps.
Multiple CY2300 devices can accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is guaranteed to be less than 400 ps.
The CY2300 is available in commercial and industrial temper-
ature ranges.
Maximum Ratings
Supply Voltage to Ground Potential ...............–0.5V to +7.0V
DC Input Voltage (Except Ref) .............. –0.5V to VDD + 0.5V
DC Input Voltage REF ........................................... –0.5 to 7V
Storage Temperature ................................. –65°C to +150°C
Junction Temperature.................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Pin Definitions
Pin
Signal[1]
Description
1
1/2xREF
Clock output, 1/2x Reference
2
GND
Ground
3
REFIN
Input Reference frequency, 5V tolerant input
4REF
Clock output Reference
5
REF
Clock output Reference
6
2xREF
Clock output, 2x Reference
7
VDD
3.3V Supply
8
OE
Output Enable (weak pull-up)
Operating Conditions for CY2300SC Commercial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, Fout < 133.33 MHz
18
pF
Load Capacitance,133.33 MHz < Fout < 166.67 MHz
12
pF
CIN
Input Capacitance
7
pF
tPU
Power-up time for all VDD's to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2300SC Commercial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
100
µA
IIH
Input HIGH Current
VIN = VDD
50
µA
VOL
Output LOW Voltage[2]
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage[2]
IOH = –8 mA
2.4
V
IDD
Supply Current
Unloaded outputs, REFIN = 66 MHz
45
mA
Unloaded outputs, REFIN = 33 MHz
32
mA
Unloaded outputs, REFIN = 20 MHz
18
mA
Notes:
1.
Weak pull-down on all outputs.
2.
Parameter is guaranteed by design and characterization. It is not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com