Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB42L Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMB42L
Description  QMT42 Series Fixed-Field Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB42L Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMB42L Datasheet HTML 1Page - Banner Engineering Corp. SMB42L Datasheet HTML 2Page - Banner Engineering Corp. SMB42L Datasheet HTML 3Page - Banner Engineering Corp. SMB42L Datasheet HTML 4Page - Banner Engineering Corp. SMB42L Datasheet HTML 5Page - Banner Engineering Corp. SMB42L Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Performance Curves
1
10
100
100 mm
4 in
1000 mm
40 in
10000 mm
400 in
10 mm
.4 in
DISTANCE
1000
QMT42FF
Series
500 mm
750 mm
1000 mm
1500 mm
2000 mm
Cutoff Point Deviation
The percentage of deviation indicates a change in the cutoff point for either 18% gray or 6% black targets, relative to the
cutoff point for a 90% reflective white test card. As an example, the cutoff point decreases 10% for a 6% reflectance black
target when the cutoff point is 2000 millimeters (79 inches) using a 90% reflectance white test card. In other words, the
cutoff point for the black target is 1800 millimeters (71 inches).
0
-8
-10
-6
-4
-2
0
+2
+4
+6
+8
+10
500 mm
(20 in)
750 mm
(30 in)
1000 mm
(39 in)
1500 mm
(59 in)
Cutoff Point Variation Relative to 90% Reflectance White Test Card
2000 mm
(79 in)
18% Gray Color Sensitivity
6 % Black Color Sensitivity
Cutoff Point Deviation
Dimensions
18.0 mm
(0.71")
ø 3.2 mm
(0.125")
(4 Holes)
58.0 mm
(2.28")
Green LED Power/Overload Indicator
Yellow LED
Output/Marginal Indicator
10.0 mm (0.39")
12.3 mm (0.48")
Threaded M4 x 0.7
Mounting Holes
23.9 mm (2)
(0.94")
2 x 3.1mm
(0.12")
19.2 mm
(0.76")
2 x 3.1mm
(0.12")
27.1 mm (2)
(1.07")
42.0 mm
(1.65")
Figure 5. Cabled Models
M12 x 1 x 18 mm
Euro-style
76.2 mm
(3.00")
Figure 6. Quick-Disconnect Models
All measurements are listed in millimeters (inches), unless noted otherwise.
QMT42 Series Fixed-Field Sensors
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 50756 Rev. B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com