Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB3018SC Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # SMB3018SC
Description  WORLD-BEAM짰 QS18E Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB3018SC Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button SMB3018SC Datasheet HTML 3Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 4Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 5Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 6Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 7Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 8Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 9Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 10Page - Banner Engineering Corp. SMB3018SC Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Method
Action
Result
Remote Line
Single-pulse the remote line.
T
The sensor waits for the sensing condition.
Power LED Indicator: OFF
Output LED Indicator: Double-flash
2. Set the sensing condition.
Method
Action
Result
Push Button
Present the sensing condition, then five-click the push
button.
TEACH Accepted
Power LED Indicator: Flashes 3 times, then
solid green
Output LED Indicator: OFF6, then ON or OFF,
depending on the output state
The sensor returns to Run mode with the new
settings.
TEACH Not Accepted
Power LED Indicator: OFF
Output LED Indicator: Slow flash (1 Hz)
The sensor returns to the wait state, ready for
the sensing condition.
Remote Line
Present the sensing condition, then five-pulse the remote line.
T
T
T
T
T
T
T
T
T
Window Set
Darkest
(no signal)
Most Light
(saturated
signal)
Single
Presented
Condition
Output OFF
Output OFF
Output
ON
Sensor positions
window thresholds
≈12.5%
from the
presented condition
12.5%
Figure 7. Window Set (Light Operate shown)
• In Window Set, the single ON condition window extends
approximately 12.5% above and below the presented condition
when Light Operate is selected. Output ON and OFF conditions
may be reversed by changing the Light-/Dark-Operate setting (see
Sensor Setup on page 3).
• Lighter or darker conditions outside of the window cause the
output to change state.
• Window Set is recommended for applications where the target to
be sensed may not always appear in the same place, or when
other unwanted signals may appear.
1. Access the Window Set mode.
Method
Action
Result
Push Button
Press and hold the push button 2 to 4 seconds.
The sensor waits for the sensing condition.
Power LED Indicator: OFF
Output LED Indicator: Slow flash (1 Hz)
Remote Line
Single-pulse the remote line.
T
The sensor waits for the sensing condition.
Power LED Indicator: OFF
Output LED Indicator: Double-flash
2. Set the sensing condition.
Method
Action
Result
Push Button
Present the sensing condition, then double-click the push
button.
TEACH Accepted
Power LED Indicator: Flashes 3 times, then
solid green
Output LED Indicator: OFF7, then ON or OFF,
depending on the output state
The sensor returns to Run mode with the new
settings.
TEACH Not Accepted
Power LED Indicator: OFF
Output LED Indicator: Slow flash (1 Hz)
The sensor returns to the wait state, ready for
the sensing condition.
Remote Line
Present the sensing condition, then double-pulse the
remote line.
T
T
T
6 The initial output LED indicator condition is simultaneous with the power LED indicator 3-flash.
7 The initial output LED indicator condition is simultaneous with the power LED indicator 3-flash.
WORLD-BEAM® QS18E Series
P/N 136564 Rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com