Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSN073D Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN073D
Description  SMD Unshielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN073D Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN073D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN073D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN073D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN073D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN073D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN073D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
ASC_WLSN073D Series_V2.0
Nov. Y2017
Electrical Characteristics
WLSN073D Series
Marking
L (uH)
Inductance
Tolerance
Test
Freq
(KHz)
DCR ( )
MAX.
Rated
Current
(A)
WLSN073DZ0M100LB
100
10
± 20%
100
0.0803
1.44
WLSN073DZ0M120LB
120
12
± 20%
100
0.0897
1.39
WLSN073DZ0M150LB
150
15
± 20%
100
0.104
1.24
WLSN073DZ0M180LB
180
18
± 20%
100
0.111
1.12
WLSN073DZ0M220LB
220
22
± 20%
100
0.129
1.07
WLSN073DZ0M270LB
270
27
± 20%
100
0.153
0.94
WLSN073DZ0M330LB
330
33
± 20%
100
0.170
0.85
WLSN073DZ0M390LB
390
39
± 20%
100
0.217
0.74
WLSN073DZ0M470LB
470
47
± 20%
100
0.252
0.68
WLSN073DZ0K560LB
560
56
± 10%
100
0.282
0.64
WLSN073DZ0K680LB
680
68
± 10%
100
0.332
0.59
WLSN073DZ0K820LB
820
82
± 10%
100
0.406
0.54
WLSN073DZ0K101LB
101
100
± 10%
10
0.481
0.51
WLSN073DZ0K121LB
121
120
± 10%
10
0.536
0.49
WLSN073DZ0K151LB
151
150
± 10%
10
0.755
0.40
WLSN073DZ0K181LB
181
180
± 10%
10
1.022
0.36
WLSN073DZ0K221LB
221
220
± 10%
10
1.200
0.31
WLSN073DZ0K271LB
271
270
± 10%
10
1.306
0.29
WLSN073DZ0K331LB
331
330
± 10%
10
1.495
0.28
TOLERANCE:
:
:
:M:±20%, L:±15%, K:±10%
TEST INSTRUMENT: HP4285A/ Chroma 3302,1320.16502
*
*
*
* *
*
*
*Inductance drops no more than 20% at rated current applied or temperature rises ∆t 40
≦
≦
≦
≦
≦
≦
≦
≦
*
*
*
*MSL:LEVEL 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com