Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSN084F Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN084F
Description  SMD Unshielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN084F Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN084F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN084F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
ASC_WLSN084F Series_V3.0
Nov. Y2017
Features
1. Unshielded power inductor.
2. Wide inductance range.
Applications
1. Inductor in DC/DC converter.
2. Use in STB、PDA、Notebook.
Shape and Dimension
Unit: mm
Ordering Information
WL
SN
084F
Z0
M
1R0
L
B
Product
Code
Series
Dimensions
Thickness
Tolerance
Value
Packing Code
WL:
Inductor
SMD
Unshielded
Power
Inductors
12.95 * 9.40
mm
Z0: STD
M:
± 20%
1R0 = 1.0uH
100 = 10.0uH
L=13” Reeled
(Embossed tape)
B:STD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com