Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP30D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FGP30D
Description  Glass Passivated Ultrafast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP30D Datasheet(HTML) 2 Page - Vishay Siliconix

  FGP30D Datasheet HTML 1Page - Vishay Siliconix FGP30D Datasheet HTML 2Page - Vishay Siliconix FGP30D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88878
10-Aug-05
FGP30B thru FGP30D
Vishay Semiconductors
Electrical Characteristics
TA = 25 °C unless otherwise specified
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Thermal Characteristics
TA = 25 °C unless otherwise specified
Notes:
(1) Thermal resistance from juction to ambient at 0.375" (9.5 mm) lead length and mounted
on P.C.B. with 1.1 x 1.1 (30 x 30 mm) copper pads.
(2) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsinks.
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
FGP30B
FGP30C
FGP30D
Unit
Maximum instantaneous
forward voltage
at 3.0 A (1)
VF
0.95
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
TA = 100 °C
IR
5.0
50
µA
Maximum reverse recovery
time
at IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance
at 4.0 V, 1 MHz
CJ
70
pF
Parameter
Symbol
FGP30B
FGP30C
FGP30D
Unit
Typical thermal resistance (1,2)
RθJA
RθJL
55
20
°C/W
Figure 1. Maximum Forward Current Derating Curve
3,5
3
2,5
2
1,5
1
0,5
0
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 HZ
1
10
100
25
50
75
100
125
150
0
TJ =TJ max.
8.3ms Single Half Sine-Wave



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com