Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # SL34
Description  SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

SL34 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  SL34 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd SL34 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd SL34 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL32 THRU SL34
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE:
20 to 40 VOLTS
FORWARD CURRENT:
3.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
DO-214AB(SMC)
Flammability Classification 94V-O
· For surface mounted applications
· High current capability, low VF
· Built-in strain relief
· Low profile package
· Metal to silicon rectifier. majority carrier conduction
· High surge capacity
· Low power loss, high efficiency
· For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic, DO-214AB(SMC)
Terminals: Axial leads, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
at TL (See Fig. 1)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 3.0A (Note 1)
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
RθJA
RθJL
Operating Junction Temperature Range
TJ
Storage Temperature Range
Tstg
℃
NOTES:
1- Pulse test: 300µs pulse width, 1% duty cycle
2- P.C.B. mounted with 0.55 x 0.55” (14 x 14mm) Copper Pad Areas
℃/W
-50 to +150
30
40
Amp
Amp
mAmp
0.40
SL34
30
40
21
28
IR
0.38
0.38
-50 to +150
0.5
20
75
Typical Thermal Resistance (Note 2)
17
Dimensions in inches and (millimeters)
I(AV)
IFSM
3.0
100
SL32
20
14
20
SL33



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com