Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-03HOC-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLL602-03HOC-R
Description  Low Phase Noise CMOS XO (48MHz to 100MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL602-03HOC-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLL602-03HOC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL602-03HOC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL602-03HOC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL602-03HOC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLL602-03
Low Phase Noise CMOS XO (48MHz to 100MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/14/00 Page 4
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
PART NUMBER
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL602-03 (H) X C
Order Number
Marking
Package Option
PLL602-03OC-R
PLL602-03OC
TSSOP - Tape and Reel
PLL602-03OC
PLL602-03OC
TSSOP – Tube
PLL602-03HOC-R
PLL602-03HOC
TSSOP - Tape and Reel
PLL602-03HOC
PLL602-03HOC
TSSOP – Tube
PLL602-03SC-R
PLL602-03SC
SOIC - Tape and Reel
PLL602-03SC
PLL602-03SC
SOIC – Tube
PLL602-03HSC-R
PLL602-03HSC
SOIC - Tape and Reel
PLL602-03HSC
PLL602-03HSC
SOIC - Tube
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
S=SOIC, O=TSSOP
Optional High Drive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com