Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF429/N115D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HF429/N115D
Description  MINIATURE INTERMEDIATE POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HF429/N115D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HF429/N115D Datasheet HTML 1Page - List of Unclassifed Manufacturers HF429/N115D Datasheet HTML 2Page - List of Unclassifed Manufacturers HF429/N115D Datasheet HTML 3Page - List of Unclassifed Manufacturers HF429/N115D Datasheet HTML 4Page - List of Unclassifed Manufacturers HF429/N115D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Life expectancy greater than 100 million operations
•
DC coils to 115V
•
Dry circuit,2 Amp,3 Amp or 7.5 Amp contacts
•
Rugged construction for high reliability
•
Printed circuit or solder/plug-in terminals
•
Sealed version available (2 and 4 pole)
File No.:E43203
File No.:0110 Gr,A
Contact Rating
(Res. Load)
Ambient temperature
3
6
12
18
24
48
72
115
11
25
90
230
430
1800
3600
9000
2.25
4.5
9.0
13.0
18.0
36.0
54.0
86.0
0.15
0.3
0.6
0.9
1.2
2.4
3.6
5.8
3
6
12
24
48
50
200
800
3200
13000
2.25
4.5
9.0
18.0
36.0
0.15
0.3
0.6
1.2
2.4
3
6
12
24
48
30
110
450
1800
7500
2.25
4.5
9.0
18.0
36.0
0.15
0.3
0.6
1.2
2.4
Unsealed
standard
(2,4 Pole)
14
52
185
430
700
2500
5800
15000
2.25
4.5
9.0
13.0
18.0
36.0
54.0
86.0
0.15
0.3
0.6
0.9
1.2
2.4
3.6
5.8
ISO9001/QS9000/ISO14000 CERTIFIED
92
HONGFA RELAY
Unsealed
sensitive
(4 Pole)
Unsealed
sensitive
(2 Pole)
Unsealed
standard
(6 Pole)
3
6
12
18
24
48
72
115
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Vibration Resistance
Shock Resistance
Initial Insulation
Resistance
Operate time
(at nomi. Volt.)
Release time
(at nomi. Volt.)
Mechanical life
Electrical life
Unit weight
2C,4C,6C
100m (1A 24VDC)
AgCe
A:2A 26VDC/115VAC
B:3A 28VDC/115VAC
C:5A 26VDC/115VAC
D:7.5A 28VDC/115VAC
Standard: 2 to 4 pole -55
to 80
6 pole -55
to 65
Sensitive: 2 to 6 pole -55
to 95
DA: 1.5mm,10 to 55Hz
196m/s2(20g)
10000M(100VDC)
Between coil and Contacts:1500Vrms
Between Contacts Sets:1000Vrms
Between open contacts: 500Vrms
16ms
4ms
23 to 35g
1 x 107OPS
Contact Arrangement
Initial Contact
Resistance Max.
Contact Material
Max. Switching voltage
Max. Switching Power
HF420
COIL DATA
1 x 105OPS
Dielectric Strength
MINIATURE INTERMEDIATE POWER RELAY
CONTACT DATA
COIL DATA
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Nominal
Voltage VDC
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
300VAC/150VDC
870VA/225W


Similar Part No. - HF429/N115D

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HF42 MERCURY-HF42 Datasheet
118Kb / 1P
Tri-state function available.
logo
Hongfa Technology
HF42F HONGFA-HF42F Datasheet
59Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HSTXXX HONGFA-HF42F/005-2HSTXXX Datasheet
59Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F/005-2HSXXX HONGFA-HF42F/005-2HSXXX Datasheet
59Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF429/N115D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
MINIATURE INTERMEDIATE POWER RELAY
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com