Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF421/S115D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HF421/S115D
Description  MINIATURE INTERMEDIATE POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HF421/S115D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HF421/S115D Datasheet HTML 1Page - List of Unclassifed Manufacturers HF421/S115D Datasheet HTML 2Page - List of Unclassifed Manufacturers HF421/S115D Datasheet HTML 3Page - List of Unclassifed Manufacturers HF421/S115D Datasheet HTML 4Page - List of Unclassifed Manufacturers HF421/S115D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
6
12
24
48
20
80
320
1200
5200
2.25
4.5
9.0
18.0
36.0
0.15
0.3
0.6
1.2
2.4
6
12
24
48
115
52
185
700
2500
15000
4.5
9.0
18.0
36.0
86.0
0.3
0.6
1.2
2.4
5.8
6
12
24
48
200
800
3200
13000
4.5
9.0
18.0
36.0
0.3
0.6
1.2
2.4
6
12
24
48
110
450
1800
7500
4.5
9.0
18.0
36.0
0.3
0.6
1.2
2.4
HF420: Unsealed,2C, Soldering, Plug-in
HF428: Unsealed,2C, PCB
HF421: Unsealed,4C, Soldering, Plug-in
HF429: Unsealed,4C, PCB
HF431: Unsealed,6C, Soldering, Plug-in
HF439: Unsealed,6C, PCB
HF2428: Sealed,2C, PCB
HF2429: Sealed,4C, PCB
93
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Unsealed
sensitive
(6 Pole)
Sealed
standard
(2,4 Pole)
Sealed
sensitive
(2 Pole)
Sealed
sensitive
(4 Pole)
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
Nominal
Voltage VDC
Coil
Resistance
( 10%)
Pick-up
Voltage
VDC(max.)
Drop-out
Voltage
VDC(min.)
A:2A 26VDC/115VAC
B:3A 28VDC/115VAC
C:5A 26VDC/115VAC
D:7.5A 28VDC/115VAC
COIL DATA
Conact Rating:
Coil Power
N: Standard S: Sensitivity
HF420 /
S
A
Coil voltage
Sea coil data
012
ORDERING INFORMATION
Type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com