Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4401 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N4401
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N4401 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N4401 Datasheet HTML 1Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 2Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 3Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 4Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 5Page - First Silicon Co., Ltd 2N4401 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRANSIENT CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
V
CC = 30 V
I
C / I B = 10
Q T
T
J = 25°C
T
J = 100°C
C
obo
C
cb
Q
A
10
20
30
50
70
100
200
300
500
0.1
0 2 0.3
0.5
1 0
2.0 3.0
5.0
10
20 30
50
30
20
10
7.0
5.0
3.0
2.0
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
V
CC= 30V
I
C/I B =10
t
r @V CC=30V
t
r @V CC=10V
t
d@V EB=2.0V
t
d@V EB=0V
I
C /I B = 10
10
20
30
50
70
100
200
300
500
100
70
50
30
20
10
7.0
5.0
10
20
30
50
70 100
200
300
500
100
70
50
30
20
10
7.0
5.0
t
r
t
f
I
C , COLLECTOR CURRENT (mA)
Figure 6. Rise and Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 8. Fall Time
V
CC = 30 V
I
B1 = I B2
10
20
30
50
70 100
200
300
500
100
70
0
50
5
30
20
10
7.0
5.0
I
C /I B = 10
I
C /I B = 20
I
C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
t
s’ = t s – 1/8 t f
I
B1 = I B2
I
C/I B = 10 to 20
10
20
30
50
70 100
200
300
500
300
200
100
70
50
30
2008. 08. 08
3/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2N4401



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com