Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS30C7202N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HMS30C7202N
Description  Highly-intergrated MPU
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS30C7202N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HMS30C7202N Datasheet HTML 1Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 2Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 3Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 4Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 5Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 6Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 7Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 8Page - List of Unclassifed Manufacturers HMS30C7202N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 179 page
background image
HMS30C7202N
© 2004 MagnaChip Semiconductor Ltd. All Rights Reserved.
Version 1.1
- v -
FEATURES
32-bit ARM7TDMI RISC static CMOS CPU core : Running up to 70 MHz
8Kbytes combined instruction/data cache
Memory management unit
Supports Little Endian operating system
2Kbytes SRAM for internal buffer memory
On-chip peripherals with individual power-down:
-
Multi-channel DMA
-
4 Timer Channels with Watch Dog Timer
-
Intelligent Interrupt Controller
-
Memory controller for ROM, Flash, SRAM, SDRAM
-
Power management unit
-
LCD Controller for mono/color STN and TFT LCD
-
Real-time clock (32.768kHz oscillator)
-
Infrared communications (SIR support)
-
4 UARTs (16C550 compatible)
-
PS/2 External Keyboard / Mouse interface
-
2 Pulse-Width-Modulated (PWM) interface
-
Matrix Keyboard control interface (8*8)
-
GPIO
-
MMC / SMC Card interface
-
USB (slave)
-
On-chip ADC and interface module (Battery Check, Audio In, Touch Panel)
-
On-chip DAC and interface module (8 Bit Stereo Audio Output)
-
3 PLLs
Figure A. Functional Block Diagram
JTAG debug interface and boundary scan
0.25um Low Power CMOS Process
2.5V internal / 3.3V IO supply voltage
256-pin MQFP / FBGA package
Low power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com