Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP150X1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LP150X1
Description  DATA DISPLAY AG LP150X1 15.0 XGA TFT LCD PRELIMINARY SPECIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP150X1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LP150X1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 9Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 10Page - List of Unclassifed Manufacturers LP150X1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TITLE: LP150X1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
LP150X1 REV. 1.0 PAGE 7 OF 20
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
APRIL 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
5.
INTERFACE CONNECTIONS
This LCD employs two interface connectors, a 20-pin connector is used for the
module electronics and a two-pin connector is used for the integral backlight system.
The electronics interface connector is FI-SEB20P-HF13, manufactured by JAE, or
equivalent. Mating connector is FI-SEB20S made by JAE, or equivalent. The pin
configuration for the connector is shown in the table below.
Table 4: Pin Configuration Of Module Connector
Pin
Symbol Description
Remark
1
VDD
Power supply, 3.3V
2
VDD
Power supply, 3.3V
3
GND
Ground
4
GND
Ground
5
A1M
Receiver signal ( -)
Red data R0 ~ R5, G0
6
A1P
Receiver signal (+)
Red data R0 ~ R5, G0
7
GND
Ground
8
A2M
Receiver signal ( -)
Green data G1 ~ G5, B0 ~ B1
9
A2P
Receiver signal (+)
Green data G1 ~ G5, B0 ~ B1
10
GND
Ground
11
A3M
Receiver signal ( -)
Blue data B2 ~ B5, Hsync,
Vsync, DTMG
12
A3P
Receiver signal (+)
Blue data B2 ~ B5, Hsync,
Vsync, DTMG
13
GND
Ground
14
CLKM
Clock signal ( -)
Main clock
15
CLKP
Clock signal (+)
Main clock
16
GND
Ground
17
NC
Reserved
18
NC
Reserved
19
GND
Ground
20
GND
Ground
Connector placement
Front View
Connecting direction
Note 1:
All GND(ground) pins should be connected.
Note 2:
All VDD(input power) pins should be connected together.
The backlight interface connector is a model BHSR-02VS-1, manufactured by JST.
The mating connector part number is SM02B-BHSS-1 or equivalent. The pin
configuration for the connector is shown in the table below.
Table 5 Pin Configuration Of Backlight Connector
Pin
Symbol
Description
Remark
1
2
HV
LV
Lamp power input
Ground
Note 1
Note 1:
The input power terminal is colored pink.
1
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com