Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDACV10M7GA016-R0 Datasheet(PDF) 56 Page - Murata Manufacturing Co., Ltd.

Part # CDACV10M7GA016-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDACV10M7GA016-R0 Datasheet(HTML) 56 Page - Murata Manufacturing Co., Ltd.

Back Button CDACV10M7GA016-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. CDACV10M7GA016-R0 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Example of Appllied Circuit
55
13
Continued from the preceding page.
s TA8122F(Radio)
L3
IS2236
CSBLA456KE2ZF16-B0
CDALA
10M7GA16-B0
SFELA10M7FA00-B0
SFULA455KU2B-B0
TA8122F(TOSHIBA)
100k
L1
T1
L2
15p
LPF1
MO
AM
FM
ST
LPF2
VCO
L
W
W
W
W
W
FM
PF
AM
PF
FM
OSC
AM
OSC
DEF
OUT
MPX
IN
OUT
L
OUT
R
QUAD
ST
LED
W
TUN
LED
FM
IF IN
AM
IF IN
AM
AGC
FM
RF IN
AM
MIX
FM
MIX
GND2
Vcc2
GND1
T2
OUT
IN
Vcc1
10
µF
0.022
µF
4.7
µ
4.7
µ
0.033
µ
10
µH
24
23
22
20
19
18
17
16
15
14
13
6
5
4
3
2
1
7
8
9
10
11
12
21
R
Vcc
W
(3V)
ST
DECODER
Phase
COM
Phase
COM
VCO
Freq
Divider
HYX
SW
ST
LED
TUN
LED
L
DET
FM
DET
FM
IF
AF
PRE
FM
DET
AM
AGC
AM
MIX
AM
MIX
FM
OSC
AM
OSC
AM/FM
MONO SW
AM
IF
FM
RF
AM
RF
BPF
Detection and MPX stage adjustment ceramic discriminator and ceramic resonator (CERALOCK®)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com