Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49338F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD49338F
Description  CDS/PGA & 12-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49338F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD49338F Datasheet HTML 15Page - Renesas Technology Corp HD49338F Datasheet HTML 16Page - Renesas Technology Corp HD49338F Datasheet HTML 17Page - Renesas Technology Corp HD49338F Datasheet HTML 18Page - Renesas Technology Corp HD49338F Datasheet HTML 19Page - Renesas Technology Corp HD49338F Datasheet HTML 20Page - Renesas Technology Corp HD49338F Datasheet HTML 21Page - Renesas Technology Corp HD49338F Datasheet HTML 22Page - Renesas Technology Corp HD49338F Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
HD49338F/HF
Rev.1.0, Apr 20, 2004, page 21 of 22
Example of Recommended External Circuit
R11 100
R12 100
R13 100
R10 100
C20
0.1
C18
0.1
C19
0.1
C17
0.1
L1
47
µ
• At CDS Input
Notes: 1. For C4, see table 5.
2. For C3, see page 8 "DC Offset Compensation Feedback Function".
Unit: R:
Ω
C: F
23
26
27
28
29
30
31
32
33
34
C4*1
C14 0.1
R15 33 k
C15 0.1
35
36
25
11
10
9
8
7
6
5
4
3
2
1
12
16 15 14 13
17
18
19
20
21
22
24
38
45 46 47 48
44
43
42
41
40
39
37
Serial data input
GND
from
Timing generator
from CCD out
Note: External circuit is same as above except for ADC/Y input.
3.0 V
3.0 V
to
Camera
signal
processor
to
Camera
signal
processor
C21
0.1
C22
0.1
C20
0.1
C18
0.1
C19
0.1
C17
0.1
C21
0.1
C22
0.1
C13
0.1
C1
1
µ C3*
2 1
µ
C10
0.1
C11
0.1
C12
0.1
C11
0.1
C12
0.1
R15 33 k
C16
47/6
C21
47/6
L2
47
µ
R14 100
HD49338F/HF
(CDS/PGA+ADC)
L1
47
µ
• At ADC/Yin Input
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AVSS
AVSS
AVDD
BLKSH
BLKFB
CDSIN
BLKC
BIAS
AVDD
Y IN
AVSS
ADCIN
23
26
27
28
29
30
31
32
33
34
C15 0.1
35
36
25
11
10
9
8
7
6
5
4
3
2
1
12
16 15 14 13
17
18
19
20
21
22
24
38
45 46 47 48
44
43
42
41
40
39
37
Serial data input
GND
from
Timing generator
C14 0.1
C13
0.1
C2 2.2/16
C16
47/6
C21
47/6
L2
47
µ
HD49338F/HF
(CDS/PGA+ADC)
C23 0.47
with Y input
AVSS
AVSS
AVDD
BLKSH
BLKFB
CDSIN
BLKC
BIAS
AVDD
Y IN
AVSS
ADCIN
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
with ADC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com