Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50N02LS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P50N02LS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P50N02LS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P50N02LS Datasheet HTML 1Page - List of Unclassifed Manufacturers P50N02LS Datasheet HTML 2Page - List of Unclassifed Manufacturers P50N02LS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MAY-24-2001
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P50N02LS
TO-263 (D
2PAK)
NIKO-SEM
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
55
A
VGS = 7V, ID = 20A
13
16
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 30A
12
15
m
Ω
Forward Transconductance
1
gfs
VDS = 15V, ID = 40A
16
S
DYNAMIC
Input Capacitance
Ciss
1400
Output Capacitance
Coss
380
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 15V, f = 1MHz
200
pF
Total Gate Charge
2
Qg
40
Gate-Source Charge
2
Qgs
12
Gate-Drain Charge
2
Qgd
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 30A
25
nC
Turn-On Delay Time
2
td(on)
9
Rise Time
2
tr
VDS = 15V, RL = 1Ω
150
Turn-Off Delay Time
2
td(off)
ID
≅ 35A, V
GS = 10V, RGS = 2.5Ω
20
Fall Time
2
tf
30
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
55
Pulsed Current
3
ISM
170
A
Forward Voltage
1
VSD
IF = IS, VGS = 0V
1.3
V
Reverse Recovery Time
trr
70
nS
Peak Reverse Recovery Current
IRM(REC)
IF = IS, dlF/dt = 100A /
µS
200
A
Reverse Recovery Charge
Qrr
0.043
µC
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH “P50N02LS”, DATE CODE or LOT #



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com