Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM232AS16 Datasheet(PDF) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM232AS16
Description  OPERATION INSTRUCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM232AS16 Datasheet(HTML) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM232AS16 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM232AS16 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.corebai.com
CBM232AS
OPERATION INSTRUCTION
Table of pin description
Pin No.
Symbol
Pin name
01
C1+
Output of external capacitance of positive voltage multiplier unit
02
V+
Output of positive voltage of multiplier unit
03
C1-
Output of external capacitance of positive voltage multiplier unit
04
C2+
Output of external capacitance of negative voltage multiplier unit
05
C2-
Output of external capacitance of negative voltage multiplier unit
06
V-
Output of negative voltage of multiplier unit
07
T2OUT
Output of transmitter data (levels RS– 232)
08
R2IN
Input of receiver data (levels RS – 232)
09
R2OUT
Output of receiver data (levels TTL/KMOS)
10
T2IN
Input of transmitter data (levels TTL/KMOS)
11
T1IN
Input of transmitter data (levels TTL/KMOS)
12
R1OUT
Output of receiver data (levels TTL/KMOS)
13
R1IN
Input of receiver data (levels RS – 232)
14
T1OUT
Output of transmitter data (levels RS – 232)
15
GND
Common output
16
VCC
Supply output of voltage source
Maximum conditions
Symbol
Parameter
Rate
Unit
Min
Max
VCC
Supply voltage
-0.3
6.0
V
V+
Transmitter high output voltage
VCC -0.3
14
V-
Transmitter low output voltage
-0.3
-14
VTIN
Transmitter input voltage
-0.3
V+ +0.3
VRIN
Receiver input voltage
-30
30
PD
Dissipated power
DIP – package
SO – package
mW
-
842
762
ISC
Output current of transmitter short circuit
-
Continu-ously
mA
Та
Ambient temperature
-60
150
℃
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond
those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com